Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1694AS Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP1694AS
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694AS Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP1694AS Datasheet HTML 6Page - Diodes Incorporated AP1694AS Datasheet HTML 7Page - Diodes Incorporated AP1694AS Datasheet HTML 8Page - Diodes Incorporated AP1694AS Datasheet HTML 9Page - Diodes Incorporated AP1694AS Datasheet HTML 10Page - Diodes Incorporated AP1694AS Datasheet HTML 11Page - Diodes Incorporated AP1694AS Datasheet HTML 12Page - Diodes Incorporated AP1694AS Datasheet HTML 13Page - Diodes Incorporated AP1694AS Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AP1694AS-13
Document number: DS37789 Rev. 1 - 2
12 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP1694AS-13
Ordering Information
AP1694A X - 13
S: SO-8
Package
Packing
13 : 13" Tape & Reel
Part Number
Package Code
Packaging
13” Tape and Reel
Quantity
Part Number Suffix
AP1694AS-13
S
SO-8
4,000/Tape & Reel
-13
Marking Information
1694AS-13
(Top View)
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 15,16,17 ~
X X : Internal Code
8
6
5
1
2
3
4
represents 52 and 53 week
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com