Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1695 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1695
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1695 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1695 Datasheet HTML 7Page - Diodes Incorporated AP1695 Datasheet HTML 8Page - Diodes Incorporated AP1695 Datasheet HTML 9Page - Diodes Incorporated AP1695 Datasheet HTML 10Page - Diodes Incorporated AP1695 Datasheet HTML 11Page - Diodes Incorporated AP1695 Datasheet HTML 12Page - Diodes Incorporated AP1695 Datasheet HTML 13Page - Diodes Incorporated AP1695 Datasheet HTML 14Page - Diodes Incorporated AP1695 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP1695
Document number: DS37312 Rev. 1 - 2
11 of 15
www.diodes.com
June 2014
© Diodes Incorporated
AP1695
A Product Line of
Diodes Incorporated
Application Information Based on Buck Structure (Cont.)
Fault Protection
Over Voltage Protection and Output Open Protection
VCC
FB
RFB1
RFB2
AP1695
Figure 4. OVP Circuit
The output voltage is sensed by the auxiliary winding voltage of the Buck transformer, the VCC pin and FB pin provide over voltage protection
function. When the output is open or large transient happens, the output voltage will exceed the rated value. When the voltage of Vcc cap exceeds
VCC_OVP or VFB_CV, the over voltage is triggered and the IC will discharge VCC. When the VCC is below the UVLO threshold voltage, IC will start a
new work cycle and the Vcc cap is charged again by start resistance. If the over voltage condition still exists, the system will work in hiccup mode.
Attention: If the external fast startup circuit is adding in the application and the over voltage protection and output open protection happen, the IC
will trigger latch.
Output Short Protection
When the output is shorted, the output voltage will be clamped at 0. At this condition, VCC will drop down without auxiliary winding for power supply.
And the VCC will drop to UVLO threshold voltage, the IC will shut down and restart a new operating cycle, and the VCC is charged by startup
resistance. When VCC is higher than Vcc_start voltage, IC will output a bunch of pulse to control power switch on and off. When still no FB signal
detected the device will not output more pulse. So the VCC will drop to VCC UVLO threshold again. If output short condition still exists, the system
will operate in hiccup mode.
Attention: If the external fast startup circuit is adding in the application, the device will not work at UVLO mode, and the device will work at
minimum toff mode.
Over Temperature Protection
AP1695 has two kinds of over temperature protection processes. First, the system is operating normally, the ambient temperature is changed to
+170°C suddenly, the IC will trigger over temperature protection which leads to a latch work mode. Second, if the system starts when the ambient
temperature is higher than +150°C, over temperature protection will be triggered. So the AP1695 can startup successfully when the ambient
temperature is less than +150°C.
Recommended Applications
The AP1695 is a device which internally integrates a MOSFET, the output current is limited by the internal integrated MOSFET, using this device
can cover up to 10W
’s application meanwhile the output current is less than 200mA in buck structure.
Components Selection Guide
If the system’s spec is changed, please refer to the design sheet of the AP1695 and select the compatible system parameter. When the system
needs to be adjusted slightly, please refer to the table below and adjust the value of the related component.
Item
Description
Related Components
IO
Output current
R8
Output Current Ripple
Small current ripple is good for LED life
C4
ton_initial
System initial on time, used to startup the system
R1
Output Open Voltage
Setting the output voltage when the LED is open
R5, R6
Dimming Performance
Improve the dimming performance
R1, RF, R9, C2, C4
EMI
Pass EN 55022 class B with 6DB margin
L1, C1
Line Compensation
To get a good line regulation
R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com