Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3783R Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3783R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783R Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3783R Datasheet HTML 1Page - Diodes Incorporated AP3783R Datasheet HTML 2Page - Diodes Incorporated AP3783R Datasheet HTML 3Page - Diodes Incorporated AP3783R Datasheet HTML 4Page - Diodes Incorporated AP3783R Datasheet HTML 5Page - Diodes Incorporated AP3783R Datasheet HTML 6Page - Diodes Incorporated AP3783R Datasheet HTML 7Page - Diodes Incorporated AP3783R Datasheet HTML 8Page - Diodes Incorporated AP3783R Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP3783R
Document number: DS37448 Rev. 5 - 2
4 of 17
www.diodes.com
October 2015
© Diodes Incorporated
AP3783R
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to 35
V
VCS, VCPC
Voltage on CS, CPC Pin
-0.3 to 7
V
VFB
FB Input Voltage
-0.4 to 10
V
ISOURCE
Source Current from OUT Pin
Internally Limited
A
TJ
Operating Junction Temperature
-40 to +150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
ºC
θ
JA
Thermal Resistance (Junction to Ambient)
200
ºC/W
ESD
ESD (Human Body Model)
6000
V
ESD (Charged Device Model)
400
V
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Electrical Characteristics (@V
CC=15V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
STARTUP AND UVLO SECTION
VTH_ST
Startup Threshold
–
13
15.5
18
V
VOPR(MIN)
Minimal Operating Voltage
–
6
6.8
7.6
V
STANDBY CURRENT SECTION
IST
Startup Current
VCC=VTH_ST-1V before
startup
0
0.2
0.6
mA
ICC_OPR
Operating Current
Static current @ no load
350
500
650
DRIVING OUTPUT SECTION
VGATE
Gate Voltage
–
10
11
12
V
ISOURCE_L
Low Driver Source Current
–
38
43
48
mA
ISOURCE_H
High Driver Source Current
–
100
110
120
mA
VTH
High/Low Drive Source Current
Threshold Voltage
–
6
6.5
7
V
RSINK
Sink Resistance
–
5.5
6.5
7.5

OPERATING FREQUENCY SECTION (LL MODE TO FULL LOAD)
fS(MAX)
Maximum Operating Frequency
IO(MAX) (Note 5)
–
–
80
kHz
tSAMPLE_H
Sample Time
37% to 100% IO(MAX)
3.8
4.2
4.6
μs
tSAMPLE_L
0% to 37% IO(MAX) (Note 6)
2.15
2.4
2.65
μs
OPERATING FREQUENCY SECTION (LL MODE)
VCPC(EN)
CPC Pin Voltage to Enter LL Mode
–
18
20
22
mV
VCPC(EX)
CPC Pin Voltage to Exit LL Mode
–
36
40
44
mV
tOFF(EN)
Off Time to Enter LL Mode
From the end of tONS
230
256
282
μs
tOFF(EX)
Off Time to Exit LL Mode
From the end of tONS
230
256
282
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com