Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2861 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2861
Description  1A LED DRIVER WITH INTERNAL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2861 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2861 Datasheet HTML 1Page - Diodes Incorporated PAM2861 Datasheet HTML 2Page - Diodes Incorporated PAM2861 Datasheet HTML 3Page - Diodes Incorporated PAM2861 Datasheet HTML 4Page - Diodes Incorporated PAM2861 Datasheet HTML 5Page - Diodes Incorporated PAM2861 Datasheet HTML 6Page - Diodes Incorporated PAM2861 Datasheet HTML 7Page - Diodes Incorporated PAM2861 Datasheet HTML 8Page - Diodes Incorporated PAM2861 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM2861
Document number: DSxxxxx Rev. 1 - 1
2 of 12
www.diodes.com
July 2013
© Diodes Incorporated
PAM2861
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin
Number
Pin
Name
Function
1
LX
Drain of NDMOS switch.
2
GND
Ground (0V)
3
VSET
• Multi-function On/Off and brightness control pin:
• Leave floating for normal operation.
• Drive to voltage below 0.2V to turn off output current
• Drive with DC voltage (0.3V < VSET< 2.5V) to adjust output current from 12% to 100% of IOUTnom
• Drive with PWM signal from open-collector or open-drain transistor, to adjust output current. Adjustment range
1% to 100% of IOUTnom for f < 500Hz
• Connect a capacitor from this pin to ground to increase soft-start time.
(Default soft-start time = 0.1ms. Additional soft-start time is approx.1.5ms/1nF)
4
ISENSE
Connect resistor RS from this pin to VIN to define nominal average output current
IOUTnom = 0.1/Rs
5
VIN
Input voltage (6V to 40V). Decouple to ground with 10
μF or higher X7R ceramic capacitor close to device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com