Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM99700 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM99700
Description  UNIVERSAL HIGH BRIGHTNESS LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM99700 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM99700 Datasheet HTML 1Page - Diodes Incorporated PAM99700 Datasheet HTML 2Page - Diodes Incorporated PAM99700 Datasheet HTML 3Page - Diodes Incorporated PAM99700 Datasheet HTML 4Page - Diodes Incorporated PAM99700 Datasheet HTML 5Page - Diodes Incorporated PAM99700 Datasheet HTML 6Page - Diodes Incorporated PAM99700 Datasheet HTML 7Page - Diodes Incorporated PAM99700 Datasheet HTML 8Page - Diodes Incorporated PAM99700 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PAM99700
Document number: DSxxxxx Rev. 1 - 1
4 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM99700
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VINDC
DC Input Voltage
12
500
V
Shutdown Mode Supply Current
IINSD
Pin PWMD to GND
0.1
mA
Internally Regulated Voltage
VDD
VIN > 20V
6
10
V
Current Sense Pul-In Threshold Voltage
VCS,TH
250
mV
Current Sense Blanking Interval
TBLANK
250
Ns
Gate Sourcing Current
ISOURCE
VGATE = 0V
0.2
A
Gate Sinking Current
ISINK
VGATE = VDD
0.2
A
Gate Output Rise Time
tRISE
CGATE = 1nF
30
50
ns
Gate Output Fall Time
tTALL
CGATE = 1nF
30
50
ns
Oscillator Frequency
fOSC
RT = 510kΩ
37
41
49
kHz
RT = 226kΩ
74
92
110
EN Threshold High
VEH
VIN = 12V to 500V
2.4
V
EN Threshold Low
VEL
VIN = 12V to 500V
1.0
V
Over Temperature Protection
OTP
160
°C
OTP Hysteresis
OTH
50
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com