Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM99100BD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM99100BD
Description  UNIVERSAL HIGH BRIGHTNESS LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM99100BD Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM99100BD Datasheet HTML 1Page - Diodes Incorporated PAM99100BD Datasheet HTML 2Page - Diodes Incorporated PAM99100BD Datasheet HTML 3Page - Diodes Incorporated PAM99100BD Datasheet HTML 4Page - Diodes Incorporated PAM99100BD Datasheet HTML 5Page - Diodes Incorporated PAM99100BD Datasheet HTML 6Page - Diodes Incorporated PAM99100BD Datasheet HTML 7Page - Diodes Incorporated PAM99100BD Datasheet HTML 8Page - Diodes Incorporated PAM99100BD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM99700
Document number: DSxxxxx Rev. 1 - 1
2 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM99700
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin
Name
Pin Number
Function
SOP-8
SOP-16
VIN
1
1
This pin is the input of a 12V-500V regulator.
CS
2
4
This pin is the current sense pin used to sense the FET current by means of an external sense
resistor. When this pin exceeds the lower of either the internal 250mV or the voltage at the LD pin,
the gate output goes low.
GND
3
5
Ground return for all internal circuitry. This pin must be electrically connected to the ground of the
power train.
GATE
4
8
This pin is the output gate driver for an external N-Channel power MOSFET.
PWMD
5
9
This is the PWM dimming input of the IC. When this pin is pulled to GND, the gate driver is turned
off. When the pin is pulled high, the gate driver operates normally.
VDD
6
12
This is the power supply pin for all internal circuits. It must be bypassed with a low ESR capacitor
to GND (~ 10μF).
LD
7
13
This pin is the linear dimming input an d sets the current sense threshold as long as the voltage at
the pin is less than 250mV (typ).
RT
8
14
This pin sets the oscillator frequency. When a resistor is connected between RT and GND, the
PAM99700 operates in constant frequency mode. When the resistor is connected between RT
and GATE, the IC operates in constant off-time mode.
NC
—
2, 3, 6, 7,
10, 11, 15, 16
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com