Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW78A Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAW78A
Description  Silicon Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAW78A Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAW78A Datasheet HTML 1Page - Infineon Technologies AG BAW78A Datasheet HTML 2Page - Infineon Technologies AG BAW78A Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAW78A...BAW78D
1
Aug-20-2001
Silicon Switching Diodes
 Switching applications
 High breakdown voltage
2
1
3
VPS05162
2
21
EHA07007
Type
Marking
Pin Configuration
Package
BAW78A
BAW78B
BAW78C
BAW78D
GA
GB
GC
GD
1 = A
1 = A
1 = A
1 = A
2 = C
2 = C
2 = C
2 = C
3 = n.c.
3 = n.c.
3 = n.c.
3 = n.c.
SOT89
SOT89
SOT89
SOT89
Maximum Ratings
Parameter
Symbol
BAW
78A
BAW
78B
BAW
78C
BAW
78D
Unit
Diode reverse voltage
VR
50
100
200
400
V
Peak reverse voltage
VRM
50
100
200
400
Forward current
IF
1
A
Peak forward current
IFM
1
Surge forward current, t = 1
s
IFS
10
Total power dissipation, TS = 125 °C
Ptot
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
 25
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAW78A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW78A SIEMENS-BAW78A Datasheet
86Kb / 3P
Silicon Switching Diodes (Switching applications High breakdown voltage)
BAW78A-BAW78D SIEMENS-BAW78A-BAW78D Datasheet
86Kb / 3P
Silicon Switching Diodes (Switching applications High breakdown voltage)
BAW78A-BAW79D SIEMENS-BAW78A-BAW79D Datasheet
86Kb / 3P
Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
More results

Similar Description - BAW78A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS19 INFINEON-BAS19 Datasheet
46Kb / 4P
Silicon Switching Diodes
Aug-06-2001
BAS78A INFINEON-BAS78A Datasheet
33Kb / 3P
Silicon Switching Diodes
Aug-20-2001
BAS79A INFINEON-BAS79A Datasheet
33Kb / 3P
Silicon Switching Diodes
Aug-20-2001
BAW78 INFINEON-BAW78 Datasheet
441Kb / 4P
Silicon Switching Diodes
Feb-03-2003
logo
NEC
1S2837 NEC-1S2837 Datasheet
246Kb / 4P
SILICON SWITCHING DIODES
1SS303 NEC-1SS303 Datasheet
56Kb / 4P
SILICON SWITCHING DIODES
1SS304 NEC-1SS304 Datasheet
55Kb / 4P
SILICON SWITCHING DIODES
logo
Infineon Technologies A...
BAW78 INFINEON-BAW78_07 Datasheet
69Kb / 6P
Silicon Switching Diodes
2007-04-20
logo
Central Semiconductor C...
CMPD7000 CENTRAL-CMPD7000_15 Datasheet
395Kb / 2P
SILICON SWITCHING DIODES
CMUD7000 CENTRAL-CMUD7000_15 Datasheet
414Kb / 2P
SILICON SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com