Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1815 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1815
Description  LOW SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1815 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1815 Datasheet HTML 1Page - Diodes Incorporated AH1815 Datasheet HTML 2Page - Diodes Incorporated AH1815 Datasheet HTML 3Page - Diodes Incorporated AH1815 Datasheet HTML 4Page - Diodes Incorporated AH1815 Datasheet HTML 5Page - Diodes Incorporated AH1815 Datasheet HTML 6Page - Diodes Incorporated AH1815 Datasheet HTML 7Page - Diodes Incorporated AH1815 Datasheet HTML 8Page - Diodes Incorporated AH1815 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AH1815
Document number: DS37970 Rev. 2 - 2
4 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AH1815
Magnetic Characteristics (Notes 9 & 10) (@TA = -40°C to +125°C, VDD = 2.5V to 5.5V, unless otherwise specified.)
(1mT=10 Gauss)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
Bops (South Pole to Part Marking Side)
Operating Points
VDD = 2.5V to 5.5V,
TA = -40°C to +125°C,
255
395
540
Gauss
Bopn (North Pole to Part Marking Side)
-540
-395
-255
Brps (South Pole to Part Marking Side)
Releasing Points
VDD = 2.5V to 5.5V,
TA = -40°C to +125°C,
230
355
490
Brpn (North Pole to Part Marking Side)
-490
-355
-230
Bhy (|Bopx|-|Brpx|)
—
Hysteresis (Note 11)
—
40
—
Notes:
9. Typical data is at TA = +25°C, VDD = 3V, and for design information only.
10. Maximum and minimum parameters values over the operating temperature range are not tested in production, they are guaranteed by design,
characterization and process control. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
11. Maximum and minimum hysteresis is guaranteed by design and characterization.
Bhy
Brps Bops
0
Turn
off
(off-state)
(on-state)
( Magnetic Flux Density B )
OUTPUT
Bhy
VDD
(off-state)
Turn
on
Bopn Brpn
Turn
off
Turn
on
(on-state)
VOH
VOH
VOUT_ON=VOL
VOL = VSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com