Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2805 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2805
Description  500mA High-side Power Distribution Switch with Enable and Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2805 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2805 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
500mA High-side Power Distribution Switch with Enable and Flag
AP2805
Aug. 2012 Rev 1. 0
BCD Semiconductor Manufacturing Limited
13
Typical Application
Note 2: 2.2µF input capacitor is enough in most application cases.
If the VOUT is short to ground frequently during usage, large size input capacitor is necessary, recommend
22µF.
Figure 27. Typical Application of AP2805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com