Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7341 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7341
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7341 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7341 Datasheet HTML 6Page - Diodes Incorporated AP7341 Datasheet HTML 7Page - Diodes Incorporated AP7341 Datasheet HTML 8Page - Diodes Incorporated AP7341 Datasheet HTML 9Page - Diodes Incorporated AP7341 Datasheet HTML 10Page - Diodes Incorporated AP7341 Datasheet HTML 11Page - Diodes Incorporated AP7341 Datasheet HTML 12Page - Diodes Incorporated AP7341 Datasheet HTML 13Page - Diodes Incorporated AP7341 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP7341
Document number: DS36523 Rev. 4 - 2
11 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP7341
Ordering Information (Note 12)
Part Number
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP7341-XXFS4-7
FS4
X2-DFN1010-4
5000/Tape & Reel
-7
AP7341D-XXFS4-7
FS4
X2-DFN1010-4
5000/Tape & Reel
-7
Note:
12. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
(1)
X2-DFN1010-4
Y : Year : 0~9
(Top View)
X : A~Z : Internal code
Y W X
XX
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP7341-11FS4-7
X2-DFN1010-4
TF
AP7341-12FS4-7
X2-DFN1010-4
T2
AP7341-15FS4-7
X2-DFN1010-4
T3
AP7341-18FS4-7
X2-DFN1010-4
T4
AP7341-185FS4-7
X2-DFN1010-4
T5
AP7341-22FS4-7
X2-DFN1010-4
TH
AP7341-25FS4-7
X2-DFN1010-4
T6
AP7341-28FS4-7
X2-DFN1010-4
T7
AP7341-285FS4-7
X2-DFN1010-4
T8
AP7341-30FS4-7
X2-DFN1010-4
T9
AP7341-31FS4-7
X2-DFN1010-4
TC
AP7341-32FS4-7
X2-DFN1010-4
TD
AP7341-33FS4-7
X2-DFN1010-4
TE
AP7341D-11FS4-7
X2-DFN1010-4
UF
AP7341D-12FS4-7
X2-DFN1010-4
U2
AP7341D-15FS4-7
X2-DFN1010-4
U3
AP7341D-18FS4-7
X2-DFN1010-4
U4
AP7341D-185FS4-7
X2-DFN1010-4
U5
AP7341D-22FS4-7
X2-DFN1010-4
UH
AP7341D-25FS4-7
X2-DFN1010-4
U6
AP7341D-28FS4-7
X2-DFN1010-4
U7
AP7341D-285FS4-7
X2-DFN1010-4
U8
AP7341D-30FS4-7
X2-DFN1010-4
U9
AP7341D-31FS4-7
X2-DFN1010-4
UC
AP7341D-32FS4-7
X2-DFN1010-4
UD
AP7341D-33FS4-7
X2-DFN1010-4
UE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com