Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315-32FS4-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7315-32FS4-7B
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315-32FS4-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7315-32FS4-7B Datasheet HTML 1Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 2Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 3Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 4Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 5Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 6Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 7Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 8Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
2 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Typical Applications Circuit
AP7315
VIN
EN
GND
VOUT
VIN
VOUT
CIN
0.47uF
COUT
0.47uF
Pin Descriptions
Pin
Name
Pin Number
Function
X2-
DFN1010-4
SOT25
SOT23 (SA) SOT23 (SR)
VOUT
1
5
2
2
Power output pin
GND
2
2
3
1
Ground
EN
3
—
—
—
Enable pin. Active high
VIN
4
1
1
3
Power input pin
—
Thermal
PAD
—
—
—
In PCB layout, prefer to use large copper area to cover this pad for better thermal
dissipation, then connect this area to GND or leave it open. However, do not use it
as GND electrode function alone.
EN/NC
—
3
—
—
Enable pin. Active high/ NC, No connection
NC
—
4
—
—
No connection
Functional Block Diagram
VIN
EN
GND
VOUT
Current Limit
VREF
-
+
VIN
EN
GND
VOUT
Current Limit
VREF
-
+
AP7315 (Non Discharge)
AP7315D (With Discharge)
CIN
0.47µF
COUT
0.47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com