Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN452 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # AN452
Description  WIRELESS M-BUS STACK PROGRAMMERS GUIDE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN452 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button AN452 Datasheet HTML 17Page - Silicon Laboratories AN452 Datasheet HTML 18Page - Silicon Laboratories AN452 Datasheet HTML 19Page - Silicon Laboratories AN452 Datasheet HTML 20Page - Silicon Laboratories AN452 Datasheet HTML 21Page - Silicon Laboratories AN452 Datasheet HTML 22Page - Silicon Laboratories AN452 Datasheet HTML 23Page - Silicon Laboratories AN452 Datasheet HTML 24Page - Silicon Laboratories AN452 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN452
Rev. 0.1
21
3.5.1. Data Link Layer User-Modifiable Definitions
3.5.2. Data Link Layer Service Primitive User-Modifiable Definitions
Table 4. User-Modifiable Definitions
Definition
Min
Default
Description
LINK_USER_MAX_TX_DATA_FIELD_SIZE
0
138
Specifies the max data-field size in bytes to be
transmitted and is used to determine the size of
the TX frame buffer
LINK_USER_MAX_RX_DATA_FIELD_SIZE
0
138
Specifies the max data-field size in bytes to be
received and is used to determine the size of the
RX frame buffer
LINK_USER_MSPACE
SEG_XDATA
The memory space used for all spaced pointers for
frame data and service primitives
Table 5. Service Primitive User-Modifiable Definitions
Definition
Min
Default
Description
LINK_AUTO_RESP_DATA_MAX
0
138
The size of the data-field buffer used for automatic
responses to duplicate requests
LINK_TX_FCB_TABLE_ENTRIES_MAX
1
2
The number of destination addresses to record the
frame control bit used for transmission
LINK_SYSCLK
20000UL
The system clock speed in kHz used to determine pro-
cessing delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com