Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9214L Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP9214L
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9214L Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP9214L Datasheet HTML 9Page - Diodes Incorporated AP9214L Datasheet HTML 10Page - Diodes Incorporated AP9214L Datasheet HTML 11Page - Diodes Incorporated AP9214L Datasheet HTML 12Page - Diodes Incorporated AP9214L Datasheet HTML 13Page - Diodes Incorporated AP9214L Datasheet HTML 14Page - Diodes Incorporated AP9214L Datasheet HTML 15Page - Diodes Incorporated AP9214L Datasheet HTML 16Page - Diodes Incorporated AP9214L Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP9214L
Document number: DS38413 Rev. 1 - 2
13 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9214L
Ordering Information (Note 9)
AP9214L X - X - X - X
Product Code
Voltage & Delay Time
Combination Code
HSB: U-DFN2535-6
(Pin-out Option 1)
HSBR: U-DFN2535-6
(Pin-out Option 2)
Packing
7: Tape & Reel
Power Down Mode
Blank: Yes
A: No (Auto-wake-up)
Package
Product Name
Device
Package Code
Packaging
Pin Out
7” Tape and Reel
Quantity
Part Number Suffix
AP9214L(X)-X-HSB-7
HSB
U-DFN2535-6
Option 1
3000/Tape & Reel
-7
AP9214L(X)-X-HSBR-7
HSBR
U-DFN2535-6
Option 2
3000/Tape & Reel
-7
Voltage Combination
Part Number
Overcharge
Detection
Voltage
VCU
Overcharge
Release
Voltage
VCL
Overdischarge
Detection
Voltage
VDL
Overdischarge
Release
Voltage
VDU
Discharge
Overcurrent
Detection
Voltage
VDOC
Load Short
Detection
Voltage
VSHORT
Charge
Overurrent
Detection
Voltage
VCOC
Over
Voltage
Charger
Detection
Voltage
VOVCHG
Over
Voltage
Charger
Release
Voltage
VOVCHGR
Powr-down
Function
Overcharge
Protection
Mode
Delay
Time
0V Battery
Charge
Function
AP9214L(X)-
AA-HSB(X)-7
4.375V
4.175V
2.500V
2.900V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AB-HSB(X)-7
4.425V
4.225V
2.500V
2.900V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AC-HSB(X)-7
4.375V
4.175V
2.500V
2.900V
0.095V
0.700V
-0.095V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AD-HSB(X)-7
4.375V
4.175V
2.500V
2.900V
0.120V
0.700V
-0.120V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AE-HSB(X)-7
4.200V
4.100V
2.500V
3.000V
0.300V
0.550V
-0.100V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AF-HSB(X)-7
4.375V
4.175V
2.500V
2.900V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AG-HSB(X)-7
4.375V
4.175V
2.500V
2.900V
0.075V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AH-HSB(X)-7
4.425V
4.225V
2.500V
2.900V
0.075V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AI-HSB(X)-7
4.500V
4.300V
2.400V
2.800V
0.150V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AJ-HSB(X)-7
4.375V
4.175V
2.400V
2.800V
0.125V
0.700V
-0.125V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AK-HSB(X)-7
4.250V
4.050V
2.400V
3.000V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AL-HSB(X)-7
4.275V
4.175V
2.300V
2.400V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AM-HSB(X)-7
4.375V
4.175V
2.300V
2.400V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission
AP9214L(X)-
AN-HSB(X)-7
4.225V
4.025V
3.200V
3.400V
0.060V
0.450V
-0.060V
8.0V
7.3V
Selectable
Auto
Release
Option 1
Permission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com