Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22850 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22850
Description  10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22850 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22850 Datasheet HTML 6Page - Diodes Incorporated AP22850 Datasheet HTML 7Page - Diodes Incorporated AP22850 Datasheet HTML 8Page - Diodes Incorporated AP22850 Datasheet HTML 9Page - Diodes Incorporated AP22850 Datasheet HTML 10Page - Diodes Incorporated AP22850 Datasheet HTML 11Page - Diodes Incorporated AP22850 Datasheet HTML 12Page - Diodes Incorporated AP22850 Datasheet HTML 13Page - Diodes Incorporated AP22850 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP22850
Document number: DS36540 Rev. 2 - 2
13 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP22850
0
Package Outline Dimensions (All dimensions in mm)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
W-DFN2020-8
Type C
Dim
Min
Max
Typ
A
0.770 0.830 0.800
A1
0
0.05
0.02
A3
-
-
0.152
b
0.20
0.30
0.25
D
1.950 2.075 2.000
D2
1.50
1.70
1.60
E
1.950 2.075 2.000
E2
0.80
1.00
0.90
e
-
-
0.50
K
-
-
0.125
L
0.240 0.340 0.290
All Dimensions in mm
Dimensions Value (in mm)
C
0.500
G
0.200
G1
0.210
X
0.300
X1
1.600
X2
1.750
Y
0.490
Y1
0.900
Y2
2.300
A
A1
A3
Seating Plane
D
D2
E
e
b
L
E2
Pin #1 ID
K
D2/2
E2/2
R0
.20
0
X
C
Y1
G1
Y
Y2
X2
G
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com