Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2108 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2108
Description  HALF-BRIDGE GATE DRIVER IN SO-8 (TYPE TH)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2108 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2108 Datasheet HTML 1Page - Diodes Incorporated DGD2108 Datasheet HTML 2Page - Diodes Incorporated DGD2108 Datasheet HTML 3Page - Diodes Incorporated DGD2108 Datasheet HTML 4Page - Diodes Incorporated DGD2108 Datasheet HTML 5Page - Diodes Incorporated DGD2108 Datasheet HTML 6Page - Diodes Incorporated DGD2108 Datasheet HTML 7Page - Diodes Incorporated DGD2108 Datasheet HTML 8Page - Diodes Incorporated DGD2108 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DGD2108
Document Number DS38287 Rev. 4 - 2
4 of 12
www.diodes.com
February 2016
© Diodes Incorporated
DGD2108
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” input voltage
VIH
2.5
–
–
V
VCC = 10V to 20V
Logic “0” input voltage
VIL
–
–
0.6
V
VCC = 10V to 20V
High level output voltage, VBIAS - VO
VOH
–
0.05
0.2
V
IO = 2mA
Low level output voltage, VO
VOL
–
0.2
0.1
V
IO = 2mA
Offset supply leakage current
ILK
–
–
50
µA
VB = VS = 600V
Quiescent VBS supply current
IBSQ
20
75
130
µA
VIN = 0V or 5V
Quiescent VCC supply current
ICCQ
0.4
1.0
1.6
mA
VIN = 0V or 5V
Logic “1” input bias current
IIN+
–
5
20
µA
HIN = 5V, LIN* = 0V
Logic “0” input bias current
IIN-
–
–
5
µA
HIN = 0V, LIN* = 5V
VBS supply undervoltage positive going threshold
VBSUV+
8.0
8.9
9.8
V
–
VBS supply undervoltage negative going threshold
VBSUV-
7.4
8.2
9.0
V
–
VCC supply undervoltage positive going threshold
VCCUV+
8.0
8.9
9.8
V
–
VCC supply undervoltage negative going threshold
VCCUV-
7.4
8.2
9.0
V
–
Hysteresis
VCCUVH
0.3
0.7
–
V
–
VBSUVH
–
Output high short circuit pulsed current
IO+
120
290
–
mA
VO = 0V, PW ≤ 10µs
Output low short circuit pulsed current
IO-
250
600
–
mA
VO = 15V, PW ≤ 10µs
Note:
7. The VIN and IIN parameters are referenced to VSS and are applicable to the two logic input pins: HIN and LIN*. The VO and IO parameters are
referenced to COM and are applicable to the respective output pins: HO and LO.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-on propagation delay
tON
–
220
300
ns
VS = 0V
Turn-off propagation delay
tOFF
–
200
280
ns
VS = 0V or 600V
Delay matching, | tON - tOFF|
tDMON
–
–
30
ns
–
Turn-on rise time
tr
–
100
220
ns
VS = 0V
Turn-off fall time
tf
–
35
80
ns
VS = 0V
Deadtime: tDT LO-HO & tDT HO-LO
tDT
400
540
680
ns
–
Deadtime matching: tDT LO-HO - tDT HO-LO
tMDT
–
0
60
ns
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com