Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8008DR Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8008DR
Description  3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8008DR Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8008DR Datasheet HTML 1Page - Diodes Incorporated PAM8008DR Datasheet HTML 2Page - Diodes Incorporated PAM8008DR Datasheet HTML 3Page - Diodes Incorporated PAM8008DR Datasheet HTML 4Page - Diodes Incorporated PAM8008DR Datasheet HTML 5Page - Diodes Incorporated PAM8008DR Datasheet HTML 6Page - Diodes Incorporated PAM8008DR Datasheet HTML 7Page - Diodes Incorporated PAM8008DR Datasheet HTML 8Page - Diodes Incorporated PAM8008DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PAM8008
Document number: DSxxxxx Rev. 1 - 0
3 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8008
A Product Line of
Diodes Incorporated
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6.0
V
Input Voltage
-0.3 to VDD +0.3
Operational Junction Temperature
-40 to +125
°C
Storage Temperature
-65 to +150
Soldering Temperature
300, 5 sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.5 to 5.5
V
Ambient OperationTemperature Range
-20 to +85
°C
Junction Temperature Range
-20 to +125
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
SOP-16L
θJA
110
°C/W
Thermal Resistance (Junction to Case)
SOP-16L
θJC
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com