Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3582-RTR Datasheet(PDF) 54 Page - Silicon Laboratories

Part # EM3582-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3582-RTR Datasheet(HTML) 54 Page - Silicon Laboratories

Back Button EM3582-RTR Datasheet HTML 50Page - Silicon Laboratories EM3582-RTR Datasheet HTML 51Page - Silicon Laboratories EM3582-RTR Datasheet HTML 52Page - Silicon Laboratories EM3582-RTR Datasheet HTML 53Page - Silicon Laboratories EM3582-RTR Datasheet HTML 54Page - Silicon Laboratories EM3582-RTR Datasheet HTML 55Page - Silicon Laboratories EM3582-RTR Datasheet HTML 56Page - Silicon Laboratories EM3582-RTR Datasheet HTML 57Page - Silicon Laboratories EM3582-RTR Datasheet HTML 58Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
EM358x
54
Rev 1.0
6.1.2. Solder Temperature Profile
Figure 6-6 illustrates the solder temperature profile for the EM358x. This temperature profile is similar for other
RoHS compliant packages, but manufacturing lines should be programmed with this profile in order to guarantee
proper solder connection to the PCB.
Table 6.3. PCB Land Pattern
Dimension
Min
Max
C1
6.80
6.90
C2
6.80
6.90
E
0.50 BSC
X1
0.20
0.30
X2
5.20
5.40
Y1
0.75
0.85
Y2
5.20
5.40
Notes:
General
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
This Land Pattern Design is based on the IPC-7351 guidelines.
Solder Mask Design
1.
All metal pads are to be non-solder mask defined (NSMD). Clearance between the solder mask and the metal pad is
to be 60mm minimum, all the way around the pad.
Stencil Design
1.
A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used to assure good solder
paste release.
2.
The stencil thickness should be 0.125 mm (5 mils).
3.
The ratio of stencil aperture to land pad size should be 1:1 for all perimeter pads.
4.
A 4x4 array of 1.1 mm square openings on 1.3 mm pitch should be used for the center ground pad.
Card Assembly
1.
A No-Clean, Type-3 solder paste is recommended.
2.
The recommended card reflow profile is per the JEDEC/IPC J-STD-020C specification for Small Body Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com