Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3585-RTR Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EM3585-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3585-RTR Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EM3585-RTR Datasheet HTML 7Page - Silicon Laboratories EM3585-RTR Datasheet HTML 8Page - Silicon Laboratories EM3585-RTR Datasheet HTML 9Page - Silicon Laboratories EM3585-RTR Datasheet HTML 10Page - Silicon Laboratories EM3585-RTR Datasheet HTML 11Page - Silicon Laboratories EM3585-RTR Datasheet HTML 12Page - Silicon Laboratories EM3585-RTR Datasheet HTML 13Page - Silicon Laboratories EM3585-RTR Datasheet HTML 14Page - Silicon Laboratories EM3585-RTR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
EM358x
Rev 1.0
11
Table 2.1. Bill of Materials for Figure 2.1
Item Qty Reference
Description
Manufacturer
1
1
ANT1
ANTENNA, <not specified>
<not specified>
2
1
BLN1
BALUN, CHIP MULTILAYER CERAMIC, 2.4
GHZ. 50/100 OHM, -40C TO 85C, 0805
Wurth 748421245
Johanson 2450BL15B100E
Murata LDB212G4010C-001
TDK HHM1520
3
1
C1
CAPACITOR, <not specified>
<not specified>
4
1
C2
CAPACITOR, <not specified>
<not specified>
5
1
C3
CAPACITOR, 2.2 µF, 10 V, X5R, 10%, 0603
<not specified>
6
1
C4
CAPACITOR, 1 µF, 6.3 V, X5R, 10%, 0402
<not specified>
7
1
C5
CAPACITOR, 33 pF, ±5%, 50 V, NPO, 0402
<not specified>
8
3
C6, C10, C11
CAPACITOR, 22 pF, ±5%, 50 V, NPO, 0402
<not specified>
9
2
C7, C9
CAPACITOR, 1 pF, ±0.25 pF, 50 V, 0402, NPO
<not specified>
10
1
C8
CAPACITOR, 1.8pF, ±0.25 pF, 50 V, 0402, NPO
<not specified>
11
1
FB1
FERRITE BEAD, 60 OHM, 500MA, 0603
Murata BLM18PG600SN1
12
1
J1
CONNECTOR, USB, END LAUNCH, THROUGH
HOLE
Molex 67068-8110
13
1
J2
CONNECTOR, HEADER, SHROUDED, 10
POSITION, DUAL ROW, VERTICAL, 0.050"
Samtec FTSH-105-01-L-DV-K
14
4
L1, L2, L3, L4
INDUCTOR, <not specified>
<not specified>
15
2
L5, L6
INDUCTOR, 2.7 nH, ±0.3 nH, 0402, MULTI-
LAYER
Murata LQG15HS2N7
16
1
R1
RESISTOR, 15K OHM, 5%, 1/10W, 0402
<not specified>
17
1
R2
RESISTOR, 10K OHM, 5%, 1/16W, 0402
<not specified>
18
1
R3
RESISTOR, 1 OHM, 5%, 1/16W, 0402
<not specified>
19
1
R4
RESISTOR, 1.5K OHM, 1%, 1/16W, 0402
<not specified>
20
2
R5, R6
RESISTOR, 26.1 OHM, 1%, 1/10W, 0402
<not specified>
21
1
R7
RESISTOR, 10 OHM, 5%, 1/16W, 0402
<not specified>
22
4
R8, R9, R10, R11
RESISTOR, 100K OHM, 5%, 1/16W, 0402
<not specified>
23
1
Q1
MOSFET, 2N7002, 300MA, 830MW, 60V, TO-
236-3, SC-59, SOT-23-3
NXP Semiconductor 2N7002
24
1
U1
IC, VOLTAGE REGULATOR, <not specified>
<not specified>
25
1
U2
EM358x, ZIGBEE/802.15.4 RF
TRANSCEIVER, ARM CORTEX-M3, 32 or 64 kB
RAM, 256 or 512 kB FLASH, 48-QFN
EM3581-RTR/EM3582-RTR/
EM3585-RTR/
EM3586-RTR/EM3587-RTR/
EM3588-RTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com