Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847AT Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC847AT
Description  NPN Silicon AF Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847AT Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC847AT Datasheet HTML 1Page - Infineon Technologies AG BC847AT Datasheet HTML 2Page - Infineon Technologies AG BC847AT Datasheet HTML 3Page - Infineon Technologies AG BC847AT Datasheet HTML 4Page - Infineon Technologies AG BC847AT Datasheet HTML 5Page - Infineon Technologies AG BC847AT Datasheet HTML 6Page - Infineon Technologies AG BC847AT Datasheet HTML 7Page - Infineon Technologies AG BC847AT Datasheet HTML 8Page - Infineon Technologies AG BC847AT Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BC846T...BC850T
1
Aug-01-2002
NPN Silicon AF Transistors
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Low noise between 30 Hz and 15 kHz
Complementary types:
BC856T, BC857T,
BC858T, BC859T, BC860T
VPS05996
1
2
3
Type
Marking
Pin Configuration
Package
BC846AT
BC846BT
BC847AT
BC847BT
BC847CT
BC848AT
BC848BT
BC848CT
BC849BT
BC849CT
BC850BT
BC850CT
1As
1Bs
1Es
1Fs
1Gs
1Js
1Ks
1Ls
2Bs
2cs
2Fs
2Gs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SC75
SC75
SC75
SC75
SC75
SC75
SC75
SC75
SC75
SC75
SC75
SC75


Similar Part No. - BC847AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847AT PHILIPS-BC847AT Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 26
logo
Diodes Incorporated
BC847AT DIODES-BC847AT Datasheet
59Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
Weitron Technology
BC847AT WEITRON-BC847AT Datasheet
84Kb / 4P
General Purpose Transistor NPN Silicon
logo
NXP Semiconductors
BC847AT PHILIPS-BC847AT Datasheet
84Kb / 13P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Diodes Incorporated
BC847AT DIODES-BC847AT Datasheet
353Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. 7 - 2
More results

Similar Description - BC847AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
NPN Silicon AF Transistors
2008-10-10
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
NPN Silicon AF Transistors
2011-10-13
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
NPN Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com