Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BC856T
Description  PNP Silicon AF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC856T Datasheet(HTML) 3 Page - Infineon Technologies AG

  BC856T Datasheet HTML 1Page - Infineon Technologies AG BC856T Datasheet HTML 2Page - Infineon Technologies AG BC856T Datasheet HTML 3Page - Infineon Technologies AG BC856T Datasheet HTML 4Page - Infineon Technologies AG BC856T Datasheet HTML 5Page - Infineon Technologies AG BC856T Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Jan-08-2002
3
Electrical Characteristics at TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics per Transistor
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
3
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
8
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856AT
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856BT
h11e
-
-
2.7
4.5
-
-
k

Open-circuit reverse voltage transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856AT
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856BT
h12e
-
-
1.5
2
-
-
10-4
Short-circuit forward current transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856AT
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856BT
h21e
-
-
200
330
-
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856AT
IC = 2 mA, VCE = 5 V, f = 1 kHz BC856BT
h22e
-
-
18
30
-
-
S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com