Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5519 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # CS5519
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  CS5519 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The CS5519 is a low-cost high-resolution single chip
solution for APA capacitive touch screen. It is an
8-bit single cycle 8051 microcontroller with I
2C
Interface.
The
chip
includes
8-bit
successive
approximation analog-to-digital converters with an
I
2C interface and multiplexer-switcher circuits for
flexible measurement of analog signal from APA
panel. An accurate switched-capacitor integrator is
built-in and it can auto calibrate the pixel parameters
for a wide range of capacitance on the touch screen
(0.1pF to 4pF). On-chip capacitor can replace
external component. This touch screen controller
(TSC) with CMOS integration circuit provides an
ideal choice for APA touch panel. The CS5519 is
specified over the temperature range of -40°C to
95°C.
The CS5519 is available in QFN-7×7-56 and
QFN-8×8-68 packages.
Features
•
Mutual Capacitive Touch Sensing
•
Dual Power Supply: 2.8V to 3.6V Operation
Voltage; 1.6V to 2.0V Operation Voltage
•
Up to 38/30 Drive Lines and 22/17 Sense Lines
•
Dedicated Internal Two-wire Serial Control Bus
I
2C and UART between CS5519 and Host
•
Single-end Integrator with Programmable Gain
Control and Offset Control
•
Multiplexed Analog Digitization with Two 8-bit
Resolution Odd/Even Scan SAR ADCs and Its
Dedicated 2X to 8X Accumulator XSRAM
Buffers
Features (Continued)
•
Single Cycle 8051 CPU Core, Maximum Opera-
ting Clock up to 24MHz from IOSC (Zero Wait
State); 48MHz from IOSC(With Wait State)
4MHz to 48MHz Internal Oscillator (IOSC)
64K-byte Flash ROM
256-byte
Internal
SRAM
and
12032-byte
XSRAM
Extra XSRAMs for AFE:
896×12-bit×2 XSRAM for 8-bit SAR ADC
896×8-bit XSRAM for 8-bit Parasitical
Capacitor Compensator
Two 16-bit Timers T0/T1 and One 16-bit ECT
Timer T2
One I
2C Slave Controller and One I2C Master
Controller Shared with the Same Port
With Asynchronous I
2C Slave Address
Detection Logic Design
4 General Purpose GPIO Pins
One External Interrupt Pin
One UART Data Transfer Output Pin
•
ISP/IAP via I²C Port
•
Operation Temperature Range: -40°C to 95°C
•
Package Types: QFN-7×7-56 and QFN-8×8-68
•
RoHS Compliance
•
Operating Mode:
Mode
Description
Power-down
No scan with power-down mode
Standard
Higher scan rate when fingers are
on panel, IOSC can up to 4MHz
to 48MHz
Applications
•
Mobile Phones
•
Personal Digital Assistants
•
Smart Hand-held or Gaming Devices
Figure 1. Package Types of CS5519
QFN-7×7-56
QFN-8×8-68


Similar Part No. - CS5519

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-C246-BCA DFI-CS551-C246-BCA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-C246-ECA DFI-CS551-C246-ECA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-H310-BCA DFI-CS551-H310-BCA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-H310-ECA DFI-CS551-H310-ECA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
More results

Similar Description - CS5519

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Texas Instruments
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
Superior Multi-touch Capacitive Touch Screen Controller
Rev 1
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com