Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP29 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCP29
Description  NPN Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP29 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCP29 Datasheet HTML 1Page - Infineon Technologies AG BCP29 Datasheet HTML 2Page - Infineon Technologies AG BCP29 Datasheet HTML 3Page - Infineon Technologies AG BCP29 Datasheet HTML 4Page - Infineon Technologies AG BCP29 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BCP29, BCP49
1
Nov-29-2001
NPN Silicon Darlington Transistors
 For general AF applications
 High collector current
 High current gain
 Complementary types: BCP28/48 (PNP)
VPS05163
1
2
3
4
EHA00009
B(1)
E(3)
C(2,4)
Type
Marking
Pin Configuration
Package
BCP29
BCP49
BCP 29
BCP 49
1 = B
1 = B
2 = C
2 = C
3 = E
3 = E
4 = C
4 = C
SOT223
SOT223
Maximum Ratings
Parameter
Symbol
BCP29
BCP49
Unit
Collector-emitter voltage
VCEO
30
60
V
Collector-base voltage
VCBO
40
80
Emitter-base voltage
VEBO
10
10
IC
500
DC collector current
mA
Peak collector current
mA
ICM
800
Base current
100
IB
200
IBM
Peak base current
Total power dissipation, TS = 124 °C
Ptot
W
1.5
150
°C
Junction temperature
Tj
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
17
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCP29

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
logo
Diotec Semiconductor
BCP29 DIOTEC-BCP29 Datasheet
241Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP29

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
NPN Silicon Darlington Transistors
2007-04-20
BCV29 INFINEON-BCV29_07 Datasheet
71Kb / 8P
NPN Silicon Darlington Transistors
2007-03-29
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
NPN Silicon Darlington Transistors
2007-03-30
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
NPN SILICON DARLINGTON TRANSISTORS
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
NPN Silicon Darlington Transistors
2011-10-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com