Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LM4041Q
Description  AUTOMOTIVE GRADE 1.225V AND ADJUSTABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041Q Datasheet(HTML) 2 Page - Diodes Incorporated

  LM4041Q Datasheet HTML 1Page - Diodes Incorporated LM4041Q Datasheet HTML 2Page - Diodes Incorporated LM4041Q Datasheet HTML 3Page - Diodes Incorporated LM4041Q Datasheet HTML 4Page - Diodes Incorporated LM4041Q Datasheet HTML 5Page - Diodes Incorporated LM4041Q Datasheet HTML 6Page - Diodes Incorporated LM4041Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM4041Q
Document number: DS37001 Rev. 1 - 2
2 of 7
www.diodes.com
March 2014
© Diodes Incorporated
LM4041Q
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings
Description
Rating
Unit
Continuous Reverse Current (IR)
20
mA
Continuous Forward Current (IF)
10
mA
Maximum Output Voltage (LM4041_ADJ)
15
V
Junction Temperature
-40 to +155
°C
Storage Temperature
-55 to +150
°C
ESD Ratings
HBM
Human Body Model
4000
V
MM
Machine Model
200
V
CDM
Charged Device Model
TBD
V
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
(Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.)
Unless otherwise stated voltages specified are relative to the ANODE pin.
Package Thermal Data
Package
θJA
PDIS
TA = +25°C, TJ = +150°C
SOT23
380°C/W
330mW
Recommended Operating Conditions
Parameter
Min
Max
Units
Reverse Current
0.06
12
mA
Output Voltage Range
1.24
10
V
Operating Ambient Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com