Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8124RHR Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PAM8124RHR
Description  HIGH POWER AUDIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8124RHR Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PAM8124RHR Datasheet HTML 7Page - Diodes Incorporated PAM8124RHR Datasheet HTML 8Page - Diodes Incorporated PAM8124RHR Datasheet HTML 9Page - Diodes Incorporated PAM8124RHR Datasheet HTML 10Page - Diodes Incorporated PAM8124RHR Datasheet HTML 11Page - Diodes Incorporated PAM8124RHR Datasheet HTML 12Page - Diodes Incorporated PAM8124RHR Datasheet HTML 13Page - Diodes Incorporated PAM8124RHR Datasheet HTML 14Page - Diodes Incorporated PAM8124RHR Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PAM8124
Document number: DS36627 Rev. 1 - 2
13 of 15
www.diodes.com
October 2013
© Diodes Incorporated
PAM8124
A Product Line of
Diodes Incorporated
Ordering Information
PAM8124 X X X
R: TSSOP
H: 24 Pin
R: Tape & Real
Part Number
Package
Standard Package
PAM8124RHR
TSSOP-24-EP
3000 Units/Tape&Reel
Marking Information
PVCCL
SDN
PVCCL
MUTE
LIN
VCM
AGND
AGND
PVCCR
VCLAMP
PVCCR
PGNDR
PGNDR
ROUT
BSR
GAIN1
GAIN0
AVCC
BSL
LOUT
PGNDL
PGNDL
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
RIN
SE_BTL
PAM8124: Product Code
X: Internal Code
Y: Year
W: Week
LL: Internal Code
Package Configuration
Shipping Package
Package Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com