Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8303CBYC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8303CBYC
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303CBYC Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8303CBYC Datasheet HTML 1Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 2Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 3Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 4Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 5Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 6Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 7Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 8Page - Diodes Incorporated PAM8303CBYC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PAM8303C
Document number: DSxxxxx Rev. 1 - 2
3 of 17
www.diodes.com
June 2013
© Diodes Incorporated
PAM8303C
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6.0
V
Input Voltage
-0.3 to VDD +0.3
Maximum Junction Temperature
150
°C
Storage Temperature
-65 to +150
Soldering Temperature
250, 10 sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.8 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
°C
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
WCSP 1.45x1.45
θJA
90-220
°C/W
MSOP-8
180
DFN3x3-8
47.9
Thermal Resistance (Junction to Case)
MSOP-8
θJC
75
Note:
For the 9-pin CSP package, the thermal resistance is highly dependent on the PCB heat sink area.
For example, the
Θ
ja can equal to 195°C/W with 50mm
2 total area or 135°C/W with 500mm2 area. When
using ground and power planes, the value is around 90°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com