Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8408 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8408
Description  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8408 Datasheet HTML 1Page - Diodes Incorporated PAM8408 Datasheet HTML 2Page - Diodes Incorporated PAM8408 Datasheet HTML 3Page - Diodes Incorporated PAM8408 Datasheet HTML 4Page - Diodes Incorporated PAM8408 Datasheet HTML 5Page - Diodes Incorporated PAM8408 Datasheet HTML 6Page - Diodes Incorporated PAM8408 Datasheet HTML 7Page - Diodes Incorporated PAM8408 Datasheet HTML 8Page - Diodes Incorporated PAM8408 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
3 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
2.5
6.0
V
TA
Operating Ambient Temperature Range
-40
85
°C
TJ
Junction Temperature Range
-40
125
°C
Electrical Characteristics (@TA = +25°C, VDD = 5V, Gain = 24dB, RL = 8Ω (33μH)+R+L(33μH), unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD
2.5
6.0
V
Quiescent Current
IQ
No Load
8
mA
Output Offset Voltage
VOS
No Load
10
mV
Drain-Source On-State
Resistance
RDS(ON)
IDS = 0.5A
P MOSFET
0.3
Ω
N MOSFET
0.2
Output Power
PO
THD+N = 1%,
f = 1kHz
RL= 8Ω
1.4
W
RL= 4Ω
2.4
Total Harmonic Distortion Plus
Noise
THD+N
RL = 8Ω,PO=0.85W,f=1KHz
0.08
%
RL = 4Ω,PO=1.75W,f=1KHz
0.08
Power Supply Ripple Rejection
PSRR
Input AC-GND, f=1KHz, Vpp=200mV
70
dB
Channel Separation
CS
PO=1W, f=1KHz
-95
dB
Oscillator Frequency
fOSC
200
250
300
kHz
Efficiency
η
PO = 1.1W, f = 1kHz, RL = 8Ω
87
%
PO = 2.4W, f = 1kHz, RL = 4Ω
83
%
Noise
Vn
Input
AC-GND
A-weighting
60
uV
No A-weighting
80
Signal Noise Ratio
SNR
F = 20 - 20kHz, THD = 1%
95
dB
Turn-on Time
Ton
VDD = 5V
0.65
S
Mute Current
IMUTE
MUTE = VDD
4
10
mA
Shutdown Current
ISD
VSD = 0V
5
µA
Logic Input High
VIH
Include SD,UP,DOWN
1.4
V
Logic Input Low
VIL
Include SD,UP,DOWN
0.6
V
Over Temperature Protection
OTP
150
°C
Over Temperature Hysteresis
OTH
40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com