Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902KER-P Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8902KER-P
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902KER-P Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8902KER-P Datasheet HTML 1Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 2Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 3Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 4Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 5Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 6Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 7Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 8Page - Diodes Incorporated PAM8902KER-P Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8902A
Document number: DSxxxxx Rev. 1 - 3
2 of 12
www.diodes.com
February 2013
© Diodes Incorporated
PAM8902A
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Bump
(CSP)
Pin Number
(QFN)
Pin
Name
Function
A1
13
PVCC
Audio Amplifier Power Supply
A2
1
VOUT
Boost Convertor Output
A3
2
SW
Boost Convertor Switching Node
A4
4
PGND1
Boost Convertor Power Ground
B1
15
OUTP
Positive Differential Audio Output
B2
3
VSET
Boost Convertor Output Voltage Setting(8V,12V,17.5V)
B3
5
COMP
Boost Convertor Compensation
B4
6
AVDD
Power Supply
C1
14
OUTN
Negative Differential Audio Output
C2
11
GSET
AmplifierGain Setting. (Refer to "Application Notes")
C3
7
VCM
Common Mode Bypass Cap
C4
8
AGND
Analog Ground
D1
13
PGND2
Class D PowerGround
D2
12
ENA
Whole Chip Enable
D3
10
INN
Negative Differential Audio Input
D4
9
INP
Positive Differential Audio Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com