Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42655310 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 42655310
Description  Series 55 Universal Zero-Insertion-Force DIP Test Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

42655310 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  42655310 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10001
Rev. 1.7
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR TEST SOCKET RECEPTACLES, SEE DATA SHEET 10003
DO NOT USE THIS SOCKET IN A BURN-IN OVEN WITH CONTACTS IN OPEN
POSITION, AS IT WILL DAMAGE THE SOCKET
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• AcceptsDeviceson0.300to0.600[7.62to15.24]Centers
• AllPinCountSocketsgointoPCBwitheither0.300or0.600[7.62or15.24]Centers
• ContactsNormally-closedtoEliminateDependenceonPlastictoSustainContactIntegrity
• SocketHandleConfiguredwithClosedContacts(on)whenintheUporDownPosition,and
MountedontheRight-orLeft-handSide
• SocketsmaybeSolderedintoPCBsorPluggedintoAnySocketorReceptacle
GENERAL SPECIFICATIONS
•
SOCKET BODY:BlackUL94V-0glass-filledPolyphenyleneSulfide(PPS)
•
HANDLE:StainlessSteel
•
HANDLE KNOB:Brass360,1/2-hard
•
CONTACTS:BeCu172perQQ-C-533
–OR–SpinodalAlloy
•
CONTACT PLATING:50μ[1.27μ]min.Niunder-plateperQQ-N-290,over-platedwitheither
200μ[5.08μ]min.matteSnperASTMB545-97
–OR–50μ[1.27μm]NiB
•
CONTACT CURRENT RATING:1amp
•
INSULATION RESISTANCE: 1000 MΩmin.
•
DIELECTRIC WITHSTANDING VOLTAGE:1000VAC
•
LIFE CYCLE:25,000to50,000cycles
•
OPERATING TEMPERATURE:221°F[105°C]Snplating;302°F[150°C]Auplating;392°F
[200°C]NiBplating
•
RETENTION FORCE(closed):55g/pinbasedona0.020[0.51]dia.testlead
•
ACCEPTS LEADS:0.015-0.045[0.38-1.14]wide,0.110-0.280[2.79-7.11]long
MOUNTING CONSIDERATIONS
• SeeSocketFootprint
Series 55 Universal Zero-Insertion-Force
DIP Test Socket
ORDERING INFORMATION
XX-X55X-X X
Plating
0=SnoverNi
0TL=Sn/PboverNi
1=AuoverNi
6=NiB(Spinodalonly)
Termination
1=SolderPinTail
Handle Options
1=Leftupisclosed
2=Rightupisclosed
3=Leftdownisclosed
4=Rightdownisclosed(std)
Row-to-Row Spacing(btm)
3=0.300[7.62]
6=0.600[15.24]
No. of Pins
24,28,32,36,40,42,44,48


Similar Part No. - 42655310

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
logo
Keystone Electronics Co...
4265 KEYSTONE-4265 Datasheet
238Kb / 1P
CLEAR THRU-HOLE SPACER
logo
Heyco.
4265 HEYCO-4265 Datasheet
231Kb / 1P
Nytye®Mounting Platforms
logo
TE Connectivity Ltd
4265 TEC-4265 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Keystone Electronics Co...
4265 KEYSTONE-4265 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 42655310

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
Zero Insertion Force
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
Universal Zero-Insertion-Force DIP Test Socket
24-3551-18 ARIES-24-3551-18 Datasheet
642Kb / 1P
High-Temperature Universal Zero-Insertion-Force DIP Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
Zero-Insertion-Force Socket
24-3570-10 ARIES-24-3570-10 Datasheet
551Kb / 2P
Quick-Release Universal Zero-Insertion-Force DIP Test Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
Zero-Insertion-Force Test Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
Zero-Insertion-Force Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com