Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMOS555 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # CMOS555
Description  LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CMOS555 Datasheet(HTML) 2 Page - Silicon Laboratories

  CMOS555 Datasheet HTML 1Page - Silicon Laboratories CMOS555 Datasheet HTML 2Page - Silicon Laboratories CMOS555 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AN856
2
Rev. 1.0
Substituting the output frequency of 1 Hz and a standard capacitor value of 0.1
μF, the necessary R
C resistance of
7.14 M
 can be calculated.
In setting the output frequency of both timers, the TS3004 offers an advantage because it only requires one
component instead of the two external components required by the CMOS555.
To compare the supply currents of both timers side-by-side, a few supply voltages were applied while both supply
currents were recorded. Table 1 displays the results.
As shown in Table 1, at 1.5 V, the TS3004 consumes a factor of 26 less supply current. With a 2.5 V supply, the
TS3004 consumes a factor of 40 less supply current. With a 3.3 V supply, the TS3004 consumes a factor of 38 less
supply current. In summary, the CMOS555 IC uses much more supply current than can be supported in battery or
portable applications.
For all voltages within its supply range, the TS3004 saves a significant amount of supply current, which can help
extend battery life in battery-powered applications. These applications include ultra-long life, low-frequency
battery-powered/portable applications, such as micropower PWM control, pulse-position modulation control, clock
generation, and sequential timing. The TS3004 can also be used as a low-parts-count micropower oscillator and
compact replacement for crystal and ceramic oscillators.
For additional information, see the following:
TS3004 timer IC
TS3004 data sheet
Silicon Labs’ family of timer ICs
Table 1. Supply Current per Supply Voltage
Supply Voltage
TS3004
Supply Current
CMOS555
Supply Current
1.5 V
1.9
μA50 μA
2.5 V
2.0
μA81 μA
3.3 V
2.3
μA87 μA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com