Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3595-RTR Datasheet(PDF) 38 Page - Silicon Laboratories

Part # EM3595-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3595-RTR Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button EM3595-RTR Datasheet HTML 34Page - Silicon Laboratories EM3595-RTR Datasheet HTML 35Page - Silicon Laboratories EM3595-RTR Datasheet HTML 36Page - Silicon Laboratories EM3595-RTR Datasheet HTML 37Page - Silicon Laboratories EM3595-RTR Datasheet HTML 38Page - Silicon Laboratories EM3595-RTR Datasheet HTML 39Page - Silicon Laboratories EM3595-RTR Datasheet HTML 40Page - Silicon Laboratories EM3595-RTR Datasheet HTML 41Page - Silicon Laboratories EM3595-RTR Datasheet HTML 42Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
EM359x
38
Rev 1.0
Table 6.1. EM359x Pin Descriptions
Pin #
Signal
Direction
Description
1
OSCA
I/O
24 MHz crystal oscillator or external clock input.
(An external clock input should only be used for test and debug purposes.
If used in this manner, the external clock input should be a 1.8 V, 50% duty
cycle, square wave.)
2
VDD_24MHZ
Power
1.8 V high-frequency oscillator supply
3
VDD_VCO
Power
1.8 V VCO supply
4
RF_P
I/O
Differential (with RF_N) receiver input/transmitter output
5
RF_N
I/O
Differential (with RF_P) receiver input/transmitter output
6
VDD_RF
Power
1.8 V RF supply (LNA and PA)
7
RF_TX_ALT_P
O
Differential (with RF_TX_ALT_N) transmitter output (optional)
8
RF_TX_ALT_N
O
Differential (with RF_TX_ALT_P) transmitter output (optional)
9
VDD_IF
Power
1.8 V IF supply (mixers and filters)
10
NC
Do not connect
11
VDD_PADSA
Power
Analog pad supply (1.8 V)
12
PC5
I/O
Digital I/O
TX_ACTIVE
O
Logic-level control for external RX/TX switch. The EM359x baseband con-
trols TX_ACTIVE and drives it high (VDD_PADS) when in TX mode.
Select alternate output function with GPIO_PCCFGH[7:4]
13
nRESET
I
Active low chip reset (internal pull-up)
14
PC6
I/O
Digital I/O
OSC32B
I/O
32.768 kHz crystal oscillator
Select analog function with GPIO_PCCFGH[11:8]
nTX_ACTIVE
O
Inverted TX_ACTIVE signal (see PC5)
Select alternate output function with GPIO_PCCFGH[11:8]
15
PC7
I/O
Digital I/O
OSC32A
I/O
32.768 kHz crystal oscillator
Select analog function with GPIO_PCCFGH[15:12]
OSC32_EXT
I
Digital 32.768 kHz clock input source
16
VREG_OUT
Power
Regulator output (1.8 V while awake, 0 V during deep sleep)
17
VDD_PADS
Power
Pads supply (2.1–3.6 V)
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com