Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI516 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI516
Description  DUAL FREQUENCY VOLTAGE-CONTROLLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI516 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI516 Datasheet HTML 1Page - Silicon Laboratories SI516 Datasheet HTML 2Page - Silicon Laboratories SI516 Datasheet HTML 3Page - Silicon Laboratories SI516 Datasheet HTML 4Page - Silicon Laboratories SI516 Datasheet HTML 5Page - Silicon Laboratories SI516 Datasheet HTML 6Page - Silicon Laboratories SI516 Datasheet HTML 7Page - Silicon Laboratories SI516 Datasheet HTML 8Page - Silicon Laboratories SI516 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Si516
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions
VDD = 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VDD
3.3 V option
2.97
3.3
3.63
V
2.5 V option
2.25
2.5
2.75
V
Supply Current
IDD
CMOS, 100 kHz,
single-ended
—24
29
mA
LVDS
(output enabled)
—22
26
mA
LVPECL
(output enabled)
—42
46
mA
HCSL
(output enabled)
—44
47
mA
Tristate
(output disabled)
——
22
mA
FS "1" Setting
VIH
0.80 x VDD
——
V
FS "0" Setting
VIL
—
—
0.20 x VDD
V
FS Internal Pull-Up Resistor
RI
—45
—
k
Operating Temperature
TA
–40
—
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com