Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLX1C151MCL1 Datasheet(PDF) 2 Page - Nichicon corporation

Part # PLX1C151MCL1
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLX1C151MCL1 Datasheet(HTML) 2 Page - Nichicon corporation

  PLX1C151MCL1 Datasheet HTML 1Page - Nichicon corporation PLX1C151MCL1 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
61
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLX
Rated ripple current (mArms) at 105°C 100kHz
Standard Ratings
Rated Voltage
(V)(code)
Surge Voltage
(V)
810
930
1130
800
910
1110
780
890
1080
720
830
1040
700
810
1020
2100
2400
2900
2000
2300
2800
2000
2300
2800
1800
2100
2700
1800
2000
2600
26
25
23
27
26
24
28
27
25
33
31
28
35
33
29
480
704
1248
480
600
1080
410
600
900
273
392
700
220
270
470
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
8 × 9
8×12
10 × 13
8 × 9
8×12
10 × 13
8 × 9
8×12
10 × 13
8 × 9
8×12
10 × 13
8 × 9
8×12
10 × 13
150
220
390
120
150
270
82
120
180
39
56
100
 22
 27
 47
18.4
23.0
28.7
40.2
57.5
16
(1C)
20
(1D)
25
(1E)
35
(1V)
50
(1H)
PLX1C151MCL1
PLX1C221MDL1
PLX1C391MDL1
PLX1D121MCL1
PLX1D151MDL1
PLX1D271MDL1
PLX1E820MCL1
PLX1E121MDL1
PLX1E181MDL1
PLX1V390MCL1
PLX1V560MDL1
PLX1V101MDL1
PLX1H220MCL1
PLX1H270MDL1
PLX1H470MDL1
ESR (m
Ω)
(at 100kHz 20°C)
Rated Ripple
(mArms)
Rated Capacitance
(µF)
Case Size
φD × L (mm)
tan
δ
Part Number
Leakage Current
(µA)
Ambient temperature of a capacitor
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
CAT.8100E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com