Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS285-2.5AL Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS285-2.5AL
Description  MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS285-2.5AL Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS285-2.5AL Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS285-2.5AL Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS285-2.5AL Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS285-2.5AL Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS285-2.5AL Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS285-2.5AL Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS285-2.5AL Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS285-2.5AL Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS285-2.5/AMS385-2.5
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Storage temperature
-55
°C to +150°C
Forward Current
10mA
Soldering information (25 sec)
265
°C
Operating Temperature Range
AMS285-2.5
-40
°C to 85°C
AMS385-2.5
0
°C to 70°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100 µA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS285A-2.5
Min
Typ
Max
AMS285B-2.5
Min
Typ
Max
AMS285C-2.5
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
2.480
2.500
2.520
2.462
2.500
2.538
2.425
2.500
2.575
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Ω
Reverse Breakdown
Voltage Change with
current (Note 4)
10
µA ≤I
R ≤1mA
1mA
≤I
R ≤20mA
1.0
10
1.0
10
2.0
20
mV
Min. Operating
Current (Note 4)
12
18
20
13
20
30
13
20
30
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
120
120
120
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100 µA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS385A-2.5
Min
Typ
Max
AMS385B-2.5
Min
Typ
Max
AMS385C-2.5
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
2.480
2.500
2.520
2.462
2.500
2.538
2.425
2.500
2.575
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Ω
Reverse Breakdown
Voltage Change with
Current (Note 4)
10
µA ≤I
R ≤1mA
1mA
≤I
R ≤20mA
1.0
10
2.0
20
2.0
20
mV
Min. Operating
Current (Note 4)
12
18
20
13
20
30
13
20
30
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
120
120
120
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com