Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA2214ZGSK Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA2214ZGSK
Description  2.2x1.4mm SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA2214ZGSK Datasheet(HTML) 1 Page - Kingbright Corporation

  AA2214ZGSK Datasheet HTML 1Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 2Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 3Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 4Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 5Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAO0994
REV NO: V.1B
DATE: JAN/06/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1201008993
2.2x1.4mm SURFACE MOUNT LED LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: AA2214ZGSK
Green
Features
2.2mm x 1.4mm, 1.3mm high.
Low power consumption.
Available on tape and reel.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Descriptions
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.


Similar Part No. - AA2214ZGSK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA2214ZGSK TO-GRACE-AA2214ZGSK Datasheet
404Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
More results

Similar Description - AA2214ZGSK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
SURFACE MOUNT LED LAMP
AA2214QBS-D-AMT KINGBRIGHT-AA2214QBS-D-AMT Datasheet
332Kb / 7P
2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214QWS-D KINGBRIGHT-AA2214QWS-D Datasheet
273Kb / 7P
2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214VR4D1S KINGBRIGHT-AA2214VR4D1S Datasheet
276Kb / 7P
2.2x1.4mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA2214SYSK KINGBRIGHT-AA2214SYSK Datasheet
295Kb / 6P
2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214CGSK KINGBRIGHT-AA2214CGSK Datasheet
268Kb / 6P
2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SESK KINGBRIGHT-AA2214SESK Datasheet
297Kb / 6P
2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SURSK KINGBRIGHT-AA2214SURSK Datasheet
270Kb / 6P
2.2x1.4mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com