Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR151F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR151F
Description  PNP Silicon Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR151F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR151F Datasheet HTML 1Page - Infineon Technologies AG BCR151F Datasheet HTML 2Page - Infineon Technologies AG BCR151F Datasheet HTML 3Page - Infineon Technologies AG BCR151F Datasheet HTML 4Page - Infineon Technologies AG BCR151F Datasheet HTML 5Page - Infineon Technologies AG BCR151F Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dec-09-2003
1
BCR151...
PNP Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R1 = 100kΩ , R2 = 100kΩ)
BCR151F/L3
BCR151T
EHA07183
3
2
1
C
E
B
R1
R 2
Type
Marking
Pin Configuration
Package
BCR151F*
BCR151L3*
BCR151T*
UDs
UD
UDs
1=B
1=B
1=B
2=E
2=E
2=E
3=C
3=C
3=C
-
-
-
-
-
-
-
-
-
TSFP-3
TSLP-3-4
SC75
* Preliminary
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
10
Input on voltage
Vi(on)
50
Collector current
IC
50
mA
Total power dissipation-
BCR151F, TS ≤ 128°C
BCR151L3, TS ≤ 135°C
BCR151T, TS ≤ 109°C
Ptot
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150


Similar Part No. - BCR151F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR153 INFINEON-BCR153 Datasheet
197Kb / 8P
PNP Silicon Digital Transistor
Aug-29-2003
BCR153 INFINEON-BCR153 Datasheet
125Kb / 6P
PNP Silicon Digital Transistor
2007-08-21
BCR153F INFINEON-BCR153F Datasheet
197Kb / 8P
PNP Silicon Digital Transistor
Aug-29-2003
BCR153F INFINEON-BCR153F Datasheet
125Kb / 6P
PNP Silicon Digital Transistor
2007-08-21
BCR153L3 INFINEON-BCR153L3 Datasheet
197Kb / 8P
PNP Silicon Digital Transistor
Aug-29-2003
More results

Similar Description - BCR151F

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
PNP Digital Silicon Transistor
CHDTA115TUPT CHENMKO-CHDTA115TUPT Datasheet
69Kb / 2P
PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com