Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR191F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR191F
Description  PNP Silicon Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR191F Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR191F Datasheet HTML 1Page - Infineon Technologies AG BCR191F Datasheet HTML 2Page - Infineon Technologies AG BCR191F Datasheet HTML 3Page - Infineon Technologies AG BCR191F Datasheet HTML 4Page - Infineon Technologies AG BCR191F Datasheet HTML 5Page - Infineon Technologies AG BCR191F Datasheet HTML 6Page - Infineon Technologies AG BCR191F Datasheet HTML 7Page - Infineon Technologies AG BCR191F Datasheet HTML 8Page - Infineon Technologies AG BCR191F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
May-18-2004
2
BCR191.../SEMB1
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
10
Input on voltage
Vi(on)
30
Collector current
IC
100
mA
Total power dissipation-
BCR191, TS ≤ 102°C
BCR191F, TS ≤ 128°C
BCR191L3, TS ≤ 135°C
BCR191S, TS ≤ 115°C
BCR191T, TS ≤ 109°C
BCR191W, TS ≤ 124°C
SEMB1, TS ≤ 75°C
Ptot
200
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
150 ... -65
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BCR191
BCR191F
BCR191L3
BCR191S
BCR191T
BCR191W
SEMB1
RthJS
≤ 240
≤ 90
≤ 60
≤ 140
≤ 165
≤ 105
≤ 300
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com