Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPES75 Datasheet(PDF) 2 Page - Total Power International

Part # TPES75
Description  ACCOMMODATES UNIVERSAL AC SOURCES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES75 Datasheet(HTML) 2 Page - Total Power International

  TPES75 Datasheet HTML 1Page - Total Power International TPES75 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION: TPES75 - X X X Y Y Y - S
AC INLET TYPE: NONE FOR DT7L,[8] FOR DT8
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (TPI External Switcher): About 75W.
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 324.0g (11.5 Oz.)
SINGLE OUTPUT
MODEL NO.
AC INLET
OUTPUT VOLTAGE (Vdc)
OUTPUT CURRENT (Amp.)
TPES75-120550
DT7L
12.0V
5.50A
TPES75-120550-8
DT8
12.0V
5.50A
TPES75-160430
DT7L
16.0V
4.30A
TPES75-160430-8
DT8
16.0V
4.30A
TPES75-170440
DT7L
17.0V
4.40A
TPES75-170440-8
DT8
17.0V
4.40A
TPES75-180416
|
TPES75-189389
DT7L
18.0V
|
18.9V
4.16A
|
3.89A
TPES75-180416-8
|
TPES75-189389-8
DT8
18.0V
|
18.9V
4.16A
|
3.89A
TPES75-190390
|
TPES75-199319
DT7L
19.0V
|
19.9V
3.90A
|
3.19A
TPES75-190390-8
|
TPES75-199319-8
DT8
19.0V
|
19.9V
3.90A
|
3.19A
TPES75-200375
DT7L
20.0V
3.75A
TPES75-200375-8
DT8
20.0V
3.75A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com