Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR402R Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR402R
Description  LED Driver(Supplies stable bias current even at low battery voltage)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402R Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR402R Datasheet HTML 1Page - Infineon Technologies AG BCR402R Datasheet HTML 2Page - Infineon Technologies AG BCR402R Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCR402R
Aug-29-2001
2
Electrical Characteristics at TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Supply current
VS = 10 V
IS
350
440
540
µA
Output current
VS = 10 V, Vout = 7.6 V
Iout
18
20
22
mA
DC Characteristics with stabilized LED load
Lowest sufficient battery voltage overhead
Iout > 18mA
VSmin
-
1.4
-
V
Voltage drop (VS - VCE)
Iout = 20 mA
Vdrop
-
0.75
-
Output current change versus TA
VS = 10 V
Iout/Iout
-
-0.3
-
%/K
Output current change versus VS
VS = 10 V
Iout/Iout
-
2
-
%/V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com