Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR402R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCR402R
Description  Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402R Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCR402R Datasheet HTML 1Page - Infineon Technologies AG BCR402R Datasheet HTML 2Page - Infineon Technologies AG BCR402R Datasheet HTML 3Page - Infineon Technologies AG BCR402R Datasheet HTML 4Page - Infineon Technologies AG BCR402R Datasheet HTML 5Page - Infineon Technologies AG BCR402R Datasheet HTML 6Page - Infineon Technologies AG BCR402R Datasheet HTML 7Page - Infineon Technologies AG BCR402R Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN 066 Rev D
3 / 8
16-Jan-2004
Applications Note No. 066
Silicon Discretes
Figure 4.
Application Circuit Schematic.
Switch
SW1
permits
comparison
of
BCR402R vs. “Resistor Method”.
BCR402R
12
3
4
Vcc
R1
D1
D2
D3
D4
SW1
R2
R3
Q1
BCR402R has a typical output current of 20mA
without using external resistor R1. Current may
be increased above this nominal value by using
R1, and in this case, R1 was set to 82
Ω to
achieve an output current of 29mA. Based on
the fact that the minimum supply voltage is 9V
and that there is a voltage drop of approximately
0.75V across the BCR402R at minimum supply
voltage, it is possible to drive four red LEDs. On
the right side of the circuit shown in the
schematic
(“resistor
mode”),
two
parallel
resistors (560
Ω) had to be used instead of one,
so as to not exceed the maximum power
dissipation of the 1208 SMD resistors while
achieving a net resistance of 280
Ω.
This
brings up a key issue:
overall system
efficiency. See Figure 5.
Figure 5. Comparison of Power Dissipation
in BCR402R LED Bias controller vs. Resistor
Biasing Method.
Power Dissipation in
BCR402R
Power Dissipation in
(R2+R3)
22mW
235mW
For VS=16V, I=29mA, R2║R3 = 280Ω
Compare results in Figure 5 for both sides of
the application circuit (e.g. BCR402R method
versus Resistor method), for the condition of
VS=16V, I=29mA. When the “resistor method” is
used to drive the same number of LEDs as the
BCR402R, more than ten times the DC power is
wasted in the resistors as is burned in the
BCR402R. The difference in power dissipation
between the two methods, 213mW, may seem
trivial, unless one considers the effect of using
large numbers of such LED circuits in a large
display.
If the net series resistor value is
reduced, DC power wasted when using the
“resistor method” could be reduced, but the
already poor current regulation of the “resistor
method” gets even worse.
If the net series
resistor value is increased to 410
Ω (two parallel
820
Ω resistors), the current stability is improved
slightly, but the larger voltage drop across the
larger net series resistance reduces the number
of LEDs that can be driven from four to just two.
For a given number of LEDs in a display, this
means that the user of the resistor method
would then have to add additional resistor + LED
branches to the display, requiring additional
current and further increasing power dissipation.
In the example given here, the current
consumption would have to double in order to
drive a total of four red LEDs with 410
Ω series
resistances.
Figure
6
shows
the
effect
on
current
stabilization using the BCR402R and different
series resistor values (280, 340 and 410
Ω,
resulting from parallel combinations of R1+R2).
Note the nice, flat curve showing nearly constant
current over the entire 9V to 16V supply range
when the BCR402R LED Bias Controller is
used, while the series resistance method shows
very limited current stabilization – even with



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com