Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP300 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # LP300
Description  Programmers and Shorting Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

LP300 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  LP300 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series LP300 Programmers and
Shorting Plugs
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
FEATURES:
• Shorting plugs mate with any .300 [7.62] center DIP
socket to provide custom programming.
• Stacks on .100 [2.54] centers.
• Converts any socket into a DIP switch.
SPECIFICATIONS:
• Standard plug body material is Black UL94-V/0 4/6
Nylon.
• Pins are 3/4 hard Brass.
• Pin plating is 10
μ [.25μm] min. Gold per MIL-G-45204
over 50
μ [1.27μm] min. Nickel per SAE-AMS-QQ-N-290.
• Current rating=2 Amps.
• Operating temperature= -67° to 257°F [-55°C to 125°C]
ALL DIMENSIONS: INCHES [MILLIMETERS]
Specify Part No. LP300
for LO-PRO®file plug
with Gold plating
ORDERING INFORMATION
All tolerances ± .005 [.13]
unless otherwise specified
LP300
(LO-PRO®file plug)
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
16003
REV. D
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com


Similar Part No. - LP300

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
Programmers and Shorting Plugs
logo
Filtronic Compound Semi...
LP3000 FILTRONIC-LP3000 Datasheet
44Kb / 2P
2 W POWER PHEMT
LP3000 FILTRONIC-LP3000 Datasheet
49Kb / 2P
2W Power PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - LP300

ManufacturerPart #DatasheetDescription
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
Programmers and Shorting Plugs
SP200 ARIES-SP200 Datasheet
203Kb / 1P
040 [1.02] Shorting Plugs and Jacks
SP200 ARIES-SP200_11 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
Winchester Electronics ...
SDKC-89-93 WINCHESTER-SDKC-89-93 Datasheet
67Kb / 1P
SHORTING PLUG AND CHAIN
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
SA015A1T ETC2-SA015A1T Datasheet
138Kb / 3P
Universal Programmers
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
PROGRAMMERS GUIDE
logo
Aries Electronics, Inc.
16009 ARIES-16009 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
STMicroelectronics
ST6-EPB STMICROELECTRONICS-ST6-EPB Datasheet
48Kb / 3P
ST6 EPROM programmers
22-Oct-2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com