Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16005 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 16005
Description  Program Header and Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

16005 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  16005 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Complete versatility for programming within the unit itself, thus eliminating the need
for DIP switches in many situations.
• Available pre-programmed from Aries, or do-it-yourself using Aries Hand Tool P/N
T-680. Consult Data Sheet 22002 for Programming Tool information.
• Available with plain (solid) or “top-slot” press-on covers. Plain covers protect pro-
grams while “top-slot” covers allow programming of opposing pins through square
openings on top.
GENERAL SPECIFICATIONS
• STANDARD BODY AND COVER: black UL 94V-0 Glass filled 4/6 Nylon
• PINS: Brass 260 3/4-hard, ASTM B-36
• PIN PLATING: “-T” 50-150µ [1.27µ] min. matte Sn per ASTM B545-97(2004)
e1 over 50µ [1.27µ] min. Ni per SAE AMS-QQ-N-290B; “-TL” 50-150µ [1.27 -
3.81µ] min. 60/40 Sn/Pb per SAE AMS-P-81728 over 50µ [1.27µ] min. Ni per
SAE AMS-QQ-N-290B
• CURRENT RATING: 1 amp
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.032 ±0.002 [0.81±0.05] dia.
16005
Rev. AA
Series 680
Program Header and Cover
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
“A” # PINS PER ROW x 0.100 [2.54] +0.050 [1.27]
“B” (# PINS PER ROW -1) x 0.100 [2.54]
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
No. of Pins
4 thru 24
Cover Series
655 = Plain
658 = Top Slot
COVER ORDERING INFORMATION
XX-68X-10
Cover No.
No. of Pins
4 thru 24
Series
Interconnection Styles
see below
ORDERING INFORMATION
XX-680-19X XX X
Optional Top Slot = “C”
preassembled to header
Style 191 only
Plating
T = Sn
TL = Sn/Pb


Similar Part No. - 16005

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
16005 TURCK-16005 Datasheet
965Kb / 2P
Inductive Sensor
11/07/2023
logo
Heyco.
16005 HEYCO-16005 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
Belden Inc.
16005 BELDEN-16005 Datasheet
421Kb / 4P
Gigabit Ethernet Cat7 Data Double-Ended Cordset
02-03-2025
logo
Cooper Bussmann, Inc.
16005-2 COOPER-16005-2 Datasheet
1Mb / 4P
Splicer blocks
16005-3 COOPER-16005-3 Datasheet
1Mb / 4P
Splicer blocks
More results

Similar Description - 16005

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS8535 ATMEL-AT90LS8535_14 Datasheet
2Mb / 127P
Data and Nonvolatile Program Memories
AT90S2323 ATMEL-AT90S2323_14 Datasheet
1Mb / 64P
Data and Nonvolatile Program Memory
AT90S8535 ATMEL-AT90S8535_14 Datasheet
2Mb / 127P
Data and Nonvolatile Program Memories
ATMEGA163 ATMEL-ATMEGA163_14 Datasheet
2Mb / 187P
Nonvolatile Program and Data Memories
ATMEGA161L ATMEL-ATMEGA161L_14 Datasheet
1Mb / 159P
Program and Data Memories
ATMEGA8535L ATMEL-ATMEGA8535L_14 Datasheet
2Mb / 321P
Nonvolatile Program and Data Memories
AT89LP3240 ATMEL-AT89LP3240_14 Datasheet
5Mb / 200P
Nonvolatile Program and Data Memory
ATMEGA324P ATMEL-ATMEGA324P_14 Datasheet
6Mb / 377P
Nonvolatile Program and Data Memories
logo
STMicroelectronics
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
How to program STM8S and STM8A Flash program memory and data EEPROM
06-Jun-2011
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
How to program STM8L and STM8AL Flash program memory and data EEPROM
10-Dec-2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com