Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV27 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCV27
Description  NPN Silicon Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV27 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCV27 Datasheet HTML 1Page - Infineon Technologies AG BCV27 Datasheet HTML 2Page - Infineon Technologies AG BCV27 Datasheet HTML 3Page - Infineon Technologies AG BCV27 Datasheet HTML 4Page - Infineon Technologies AG BCV27 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCV27, BCV47
2
Jul-12-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BCV27
BCV47
V(BR)CEO
30
60
-
-
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IB = 0
BCV27
BCV47
V(BR)CBO
40
80
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
10
-
-
Collector cutoff current
VCB = 30 V, IE = 0
VCB = 60 V, IE = 0
BCV27
BCV47
ICBO
-
-
-
-
100
100
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
VCB = 60 V, IE = 0 , TA = 150 °C
BCV27
BCV47
ICBO
-
-
-
-
10
10
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 100 µA, VCE = 1 V
BCV27
BCV47
hFE
4000
2000
-
-
-
-
-
DC current gain 1)
IC = 10 mA, VCE = 5 V
BCV27
BCV47
hFE
10000
4000
-
-
-
-
DC current gain 1)
IC = 100 mA, VCE = 5 V
BCV27
BCV47
hFE
20000
10000
-
-
-
-
DC current gain 1)
IC = 0.5 A, VCE = 5 V
BCV27
BCV47
hFE
4000
2000
-
-
-
-
1) Pulse test: t
≤ 300µs, D = 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com