Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5672R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5672R
Description  Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5672R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5672R Datasheet HTML 17Page - Analog Devices AD5672R Datasheet HTML 18Page - Analog Devices AD5672R Datasheet HTML 19Page - Analog Devices AD5672R Datasheet HTML 20Page - Analog Devices AD5672R Datasheet HTML 21Page - Analog Devices AD5672R Datasheet HTML 22Page - Analog Devices AD5672R Datasheet HTML 23Page - Analog Devices AD5672R Datasheet HTML 24Page - Analog Devices AD5672R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
AD5672R/AD5676R
Rev. B | Page 21 of 34
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE1
DEVICE2
DEVICE3
DEVICE4
DEVICE5
Figure 55. Internal Reference Voltage (VREF) vs. Temperature (B Grade)
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
2.5025
2.5030
2.5035
–0.035
–0.025
–0.015
–0.005
0.005
0.015
0.025
0.035
LOAD CURRENT (A)
VDD = 5V
TA = 25°C
Figure 56. Internal Reference Voltage (VREF) vs. Load Current and Supply
Voltage (VDD)
VDD (V)
2.50010
2.50015
2.50020
2.50025
2.50030
2.50035
2.50040
2.50045
2.50050
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = 25°C
DEVICE1
DEVICE2
DEVICE3
Figure 57. Internal Reference Voltage (VREF) vs. Supply Voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com