Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7915 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7915
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7915 Datasheet HTML 9Page - Analog Devices AD7915 Datasheet HTML 10Page - Analog Devices AD7915 Datasheet HTML 11Page - Analog Devices AD7915 Datasheet HTML 12Page - Analog Devices AD7915 Datasheet HTML 13Page - Analog Devices AD7915 Datasheet HTML 14Page - Analog Devices AD7915 Datasheet HTML 15Page - Analog Devices AD7915 Datasheet HTML 16Page - Analog Devices AD7915 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
AD7915/AD7916
Rev. 0 | Page 13 of 26
THEORY OF OPERATION
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
C
C
2C
16,384C
4C
32,768C
LSB
SW+
MSB
LSB
SW–
MSB
C
C
2C
16,384C
4C
32,768C
IN+
REF
GND
IN–
Figure 28. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7915/AD7916 are high speed, low power, single-supply,
precise, 16-bit ADCs that use a successive approximation
architecture.
The AD7916 can convert 500,000 samples per second
(500 kSPS), whereas the AD7915 can convert 1,000,000 samples
per second (1 MSPS); both devices power down between con-
versions. When operating at 1 MSPS, the AD7915 typically
consumes 7 mW, making the ADC ideal for battery-powered
applications.
The AD7915/AD7916 provide the user with an on-chip track-
and-hold amplifier and do not exhibit any pipeline delay or
latency, making these devices ideal for multiple multiplexed
channel applications.
The AD7915/AD7916 can be interfaced to any 1.8 V to 5 V
digital logic family. They are available in a 10-lead MSOP or a
tiny 10-lead LFCSP that allows space savings and flexible
configurations.
CONVERTER OPERATION
The AD7915/AD7916 are a successive approximation ADCs
based on a charge redistribution digital-to-analog converter
(DAC). Figure 28 shows the simplified schematic of the ADC.
The capacitive DAC consists of two identical arrays of 18
binary-weighted capacitors, which are connected to the two
comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to GND via SW+ and
SW−. All independent switches are connected to the analog
inputs. Therefore, the capacitor arrays are used as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs. When the acquisition phase is complete and the CNV
input goes high, a conversion phase is initiated.
When the conversion phase begins, SW+ and SW− are opened
first. The two capacitor arrays are then disconnected from the
inputs and connected to the GND input. Therefore, the
differential voltage between the IN+ and IN− inputs captured at
the end of the acquisition phase is applied to the comparator
inputs, causing the comparator to become unbalanced. By
switching each element of the capacitor array between GND
and REF, the comparator input varies by binary-weighted
voltage steps (VREF/2, VREF/4 ... VREF/65,536). The control logic
toggles these switches, starting with the MSB, to bring the
comparator back into a balanced condition. After the
completion of this process, the device returns to the acquisition
phase, and the control logic generates the ADC output code.
Because the AD7915/AD7916 have an on-board conversion
clock, the serial clock, SCK, is not required for the conversion
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com