Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9655 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9655 Datasheet HTML 17Page - Analog Devices AD9655 Datasheet HTML 18Page - Analog Devices AD9655 Datasheet HTML 19Page - Analog Devices AD9655 Datasheet HTML 20Page - Analog Devices AD9655 Datasheet HTML 21Page - Analog Devices AD9655 Datasheet HTML 22Page - Analog Devices AD9655 Datasheet HTML 23Page - Analog Devices AD9655 Datasheet HTML 24Page - Analog Devices AD9655 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
AD9655
Rev. 0 | Page 21 of 37
–0.006
–0.007
–0.004
–0.005
–0.002
–0.003
0
–0.001
0.001
0.002
0.003
40
60
80
–40
–20
0
20
TEMPERATURE (°C)
INTERNAL VREF = 1.4V
Figure 52. Typical VREF Drift, VREF = 1.4 V
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
C11
C11
C
R
0.1µF
0.1µF
0.1µF
33Ω
200Ω
33Ω
33Ω
33Ω
VINx+
VINx–
ET1-1-I3
C
C
10pF
R
1C1 IS OPTIONAL
Figure 53. Differential Double Balun Input Configuration for Baseband Applications
2V p-p
R
R
C11
1C1 IS OPTIONAL
49.9Ω
0.1μF
ADT1-1WT
1:1 Z RATIO
VINx–
ADC
VINx+
C11
C
VCM
33Ω
33Ω
200Ω
0.1µF
10pF
Figure 54. Differential Transformer Coupled Configuration for Baseband Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com