Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5355BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5355BCPZ Datasheet HTML 9Page - Analog Devices ADF5355BCPZ Datasheet HTML 10Page - Analog Devices ADF5355BCPZ Datasheet HTML 11Page - Analog Devices ADF5355BCPZ Datasheet HTML 12Page - Analog Devices ADF5355BCPZ Datasheet HTML 13Page - Analog Devices ADF5355BCPZ Datasheet HTML 14Page - Analog Devices ADF5355BCPZ Datasheet HTML 15Page - Analog Devices ADF5355BCPZ Datasheet HTML 16Page - Analog Devices ADF5355BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet
ADF5355
Figure 16. Closed-Loop Phase Noise, RFOUTB = 6.8 GHz, 2× VCO,
VCO = 3.4 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 2 kHz
Figure 17. Closed-Loop Phase Noise, RFOUTB = 10 GHz, 2× VCO,
VCO = 5.0 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 2 kHz
Figure 18. Closed-Loop Phase Noise, RFOUTB = 13.6 GHz, 2× VCO,
VCO = 6.8 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 2 kHz
Figure 19. Output Power vs. Frequency, RFOUTA+/RFOUTA− (7.5 nH Inductors,
10 pF Bypass Capacitors, Board Losses De-Embedded)
Figure 20. RFOUTA+/RFOUTA− Harmonics vs. Frequency (7.5 nH Inductors,
10 pF Bypass Capacitors, Board Losses De-Embedded)
Figure 21. RFOUTA+/RFOUTA− Power vs. Frequency (100 nH Inductors,
100 pF Bypass Capacitors, Board Measurement)
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
–170
–150
–130
–110
–90
–70
–50
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
–170
–150
–130
–110
–90
–70
–50
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
–170
–150
–130
–110
–90
–70
–50
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
FREQUENCY (GHz)
–40°C
+25°C
+85°C
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1
2
3
4
5
6
7
RFOUTA FREQUENCY (GHz)
SECOND HARMONIC (RFOUTA × 2)
THIRD HARMONIC (RFOUTA × 3)
FREQUENCY (GHz)
–10
–8
–6
–4
–2
0
2
4
6
8
10
0
1
2
3
4
5
6
7
Rev. A | Page 13 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com