Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5246
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 9Page - Analog Devices ADL5246 Datasheet HTML 10Page - Analog Devices ADL5246 Datasheet HTML 11Page - Analog Devices ADL5246 Datasheet HTML 12Page - Analog Devices ADL5246 Datasheet HTML 13Page - Analog Devices ADL5246 Datasheet HTML 14Page - Analog Devices ADL5246 Datasheet HTML 15Page - Analog Devices ADL5246 Datasheet HTML 16Page - Analog Devices ADL5246 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 13 of 36
–80
–60
–40
–20
0
20
40
60
80
–4
–3
–2
–1
0
1
2
3
4
–1
0123456
TIME (µs)
Figure 21. AMP2 Typical Output Response with 3.3 V Step on VGAIN1,
VGAIN2 = 0 V, HG Mode, 0.9 GHz
–50
0
50
100
150
200
0
0.5
1.0
1.5
2.0
2.5
–4 –3 –2 –1 0123456 789 10 11 12 13 14 15 16
TIME (µs)
Figure 22. AMP2 Typical Output Response with 0.5 V Step on VGAIN1,
VGAIN2 = 0 V, HG Mode, 0.9 GHz
–100
–50
0
50
100
150
200
250
300
350
400
–5
–4
–3
–2
–1
1
0
2
3
4
5
–0.3 –0.2 –0.1 0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
TIME (μs)
LG MODE
HG MODE
LG MODE
Figure 23. AMP2 Typical Output Response During Gain Mode Switching,
VGAIN1 = VGAIN2 = 0 V, 0.9 GHz
–80
–60
–40
–20
0
20
40
60
80
–4
–3
–2
–1
1
2
3
4
–1
012
34
56
TIME (µs)
Figure 24. AMP2 Typical Output Response with 3.3 V Step on VGAIN2,
VGAIN1 = 0 V, HG Mode, 0.9 GHz
–
15
–10
–5
0
5
10
15
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–4
–2
0
2
4
6
8
10
12
14
16
TIME (µs)
Figure 25. AMP2 Typical Output Response with 3.3 V Step on VGAIN2,
VGAIN1 = 3.3 V, HG Mode, 0.9 GHz
–8
–6
–4
–2
0
2
4
6
8
0
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN1, VGAIN2 (V)
–40°C
+85°C
+105°C
Figure 26. AMP2 Typical Gain Shift at Temperature With Respect to 25 °C vs.
VGAIN1 = VGAIN2, Both Gain Controls Varied, 1.75 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com