Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1055
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1055 Datasheet HTML 17Page - Analog Devices ADP1055 Datasheet HTML 18Page - Analog Devices ADP1055 Datasheet HTML 19Page - Analog Devices ADP1055 Datasheet HTML 20Page - Analog Devices ADP1055 Datasheet HTML 21Page - Analog Devices ADP1055 Datasheet HTML 22Page - Analog Devices ADP1055 Datasheet HTML 23Page - Analog Devices ADP1055 Datasheet HTML 24Page - Analog Devices ADP1055 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 21 of 140
PWM AND SYNCHRONOUS RECTIFIER OUTPUTS
(OUTA, OUTB, OUTC, OUTD, SR1, SR2)
The PWM and SR outputs are used for control of the primary
side drivers and the synchronous rectifier drivers. These outputs
can be used for several control topologies, such as full-bridge,
phase-shifted ZVS configurations and interleaved, two switch
forward converter configurations. Delays between the rising and
falling edges can be individually programmed (see Figure 24).
Figure 24. PWM Timing Diagram
Take special care to avoid shoot-through and cross-conduction.
It is recommended that the software GUI be used to program
these outputs. Figure 25 shows an example configuration to
drive a full-bridge topology with synchronous rectification.
Figure 25. PWM Pin Assignment for Full-Bridge, Phase-Shifted Topology
with Synchronous Rectification
Go and Auto Go Command
The PWM outputs (OUTA to OUTD) and the SR outputs (SR1
and SR2) are all synchronized with each other. Therefore, when
reprogramming more than one of these outputs, it is important
to first update all the registers and then latch the information
into the ADP1055 at the same time. This simultaneous updating
of the PWM outputs is facilitated by the GO command
(Register 0xFE00). The GO command acts as a gate to apply all
functions related to the commands at the same time.
The GO command gates the following functions:
Frequency synchronization
Line voltage feedforward
Double update rate, volt-second balance
Digital filter settings
Frequency and PWM settings
Voltage reference change
During reprogramming, the outputs are temporarily disabled.
It is recommended that the PWM outputs be disabled when
not in use.
The PMBus allows the user to change the voltage setting and
the switching frequency on-the-fly. The auto go command
(Register 0xFE5B) is an added level of protection that restricts the
user from making a change to certain commands (see Table 203).
For more information about the various programmable
switching frequencies and PWM timings, see the Switching
Frequency Programming section.
SYNCHRONOUS RECTIFICATION
SR1 and SR2 are recommended for use as the PWM control
signals when using synchronous rectification. These PWM
signals can be configured much like the other PWM outputs.
t2
t4
t1
t5
t11
t7
t8
t10
tPERIOD
tPERIOD
t9
t6
t3
t12
PWM1 (OUTA)
PWM2 (OUTB)
PWM3 (OUTC)
PWM4 (OUTD)
SYNC RECT 1 (SR1)
SYNC RECT 2 (SR2)
ISOLATOR
DRIVER
DRIVER
OUTA
OUTB
OUTC
OUTD
SR1 SR2
VIN
OUTA
OUTD
OUTC
OUTB
SR1
SR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com