Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5300ACPZ-2-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5300ACPZ-2-R7
Description  50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5300ACPZ-2-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5300ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5300ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADP5300
Rev. 0 | Page 7 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
EN
2
STOP
3
SYNC/MODE
4
VID
5
FB
10 PVIN
9SW
8PGND
7AGND
6VOUTOK
TOP VIEW
(Not to Scale)
ADP5300
NOTES
1. THE EXPOSED PAD MUST BE SOLDERED TO A
LARGE EXTERNAL COPPER GROUND PLANE
UNDERNEATH THE IC FOR THERMAL DISSIPATION.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Enable Input for the Regulator. Set to logic low to disable the regulator.
2
STOP
Stop Switching Input Signal. When this pin is logic high, the regulator stops the regulator switching. When this
pin is logic low, the regulator resumes the regulator switching.
3
SYNC/MODE
Synchronization Input Pin (SYNC). To synchronize the switching frequency of the device to an external clock,
connect this pin to an external clock with a frequency from 1.2 MHz to 2.5 MHz.
PWM or Hysteresis Mode Selection Pin (MODE). When this pin is logic high, the regulator operates in PWM mode.
When this pin is logic low, the regulator operates in hysteresis mode.
4
VID
Voltage Configuration Pin. Connect an external resistor (RVID) from this pin to ground to configure the output
voltage of the regulator (see Table 5).
5
FB
Feedback Sensing Input for the Regulator.
6
VOUTOK
Output Power-Good Signal. This open-drain output is the power-good signal for the output voltage.
7
AGND
Analog Ground.
8
PGND
Power Ground.
9
SW
Switching Node Output for the Regulator.
10
PVIN
Power Input for the Regulator.
EPAD
Exposed Pad. The exposed pad must be soldered to a large external copper ground plane underneath the IC for
thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com