Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1262 Datasheet(PDF) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADS1262
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADS1262 Datasheet(HTML) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button ADS1262 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
VIN (% of FSR)
-100
-80
-60
-40
-20
0
20
40
60
80
100
-6
-4
-2
0
2
4
6
D076
Gain = 1
Gain = 4
Gain = 16
Gain = 64
Temperature (GC)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
D077
Gain = 1
Gain = 4
Gain = 16
Gain = 64
Input Referred Voltage (2V)
0
10
20
30
40
50
D056
D092
Input Referred Voltage (2V)
0
5
10
15
20
25
30
35
D091
Temperature (GC)
-50
-25
0
25
50
75
100
125
-100
-75
-50
-25
0
25
50
75
100
D078
Gain = 1
Gain = 4
Gain = 16
Gain = 64
Gain drift (ppm/GC)
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D079
Gain = 1
Gain = 64
ADS1262, ADS1263
www.ti.com
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
Typical Characteristics (continued)
at TA = 25°C, VAVDD = 5 V, VAVSS = 0 V, VDVDD = 3.3 V, VREF = 2.5 V, and fCLK = 7.3728 MHz (unless otherwise noted); typical
ADC1 characteristics at data rate = 20 SPS and gain = 1; typical ADC2 characteristics at data rate = 10 SPS and gain = 1
After gain calibration
30 units
Figure 52. ADC2 Gain vs Temperature
Figure 53. ADC2 Gain vs Temperature Distribution
Gain = 1, 10 SPS, after offset calibration, 128 samples
Gain = 128, 10 SPS, after offset calibration, 128 samples
Figure 55. ADC2 Output Reading Distribution
Figure 54. ADC2 Output Reading Distribution
Figure 56. ADC2 INL vs VIN
Figure 57. ADC2 INL vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS1262 ADS1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com